Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
Emergency StopPushbuttonSwitches (22-dia.or25-dia.)Push-inPlusTerminalBlockModels
A22NE-P
Install in 22-dia. or 25-dia. Panel Cutout
(When Using a Ring)
• Push-in plus terminals greatly reduce wiring effort and provide
vibration resistant connections.
• A lock lever provides a secure mounting of the switch assembly.
• A maximum of up to six contact points can be combined together
in the contact-point configuration.
• Oil-resistant to IP65 (non-lighted models) / IP65 (lighted models) /
Supports IP69K high-temperature, high-pressure cleaning (pull-
reset models).
Model Number Structure
Model Number Legend (Completely Assembled)........Shipped as a set which includes the Operation Unit, LED
Lamp (lighted model only), Mounting Latches, Lighting
Units (lighted model only), and Switch Block.
Be sure to read the "Safety Precautions" on pages 30 and 56.
For the most recent information on models that have been
certified for safety standards, refer to your Omron website.
2. Reset function
4. Contacts
5. LED lamp voltage
1. Operation Unit size (diameter)
Code
Description
None
Turn-reset
P
Pull-reset
*
Code
Description
LED Lamp Voltage
Lighted
(LED)
*
N
Non-lighted
---
A
B
* Lighting color is red.
* The pull-reset type is only available on the 40 dia.
Operation Unit, non-lighted type.
Not available on lighted types.
A22NE-
-
-
-
6
5
4
2
1
6. Others (Degree of Protection/Control box)
Code
Configuration
None
IP65
B
*
Built-in control box
* One-contact unit type.
3. Contact specification/Terminal specification
Code
Description
P
Standard load/Push-in plus terminal block
Code
Description
S
30 dia.
M40 dia.
L60 dia.
C
D
E
6 VAC/DC
12 VAC/DC
24 VAC/DC
200/220/230/240 VAC
100/110/120 VAC
3
69K
IP69K
Note 1. NO: 1a-contact
NC: 1b-contact
2. For details on the unit position, refer to the figure below.
Code
Number of
Switch Blocks
Unit position
Non-lighted
Lighted
NO
NC
1
2
3
1
2
3
002
0
1
---
---
NC
---
Lighting unit
NC
102
1
1
NC NO
Lighting unit
NC
202
0
2
NC
---
NC NC
Lighting unit
NC
212
1
2
NC NO NC
222
0
3
NC NC NC
---
NO
---
(Example: A22NE-M-P102-N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com