Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 40Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 41Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 42Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 43Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 44Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 45Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 46Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 47Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
A22E
44
Installing/Replacing the LED Lamp
Control Box (Enclosure)
Installing/Removing the Switch Blocks
Wiring
Installing/Replacing on the Switch
• Grip the lamp with your fingers, then rotate the lamp while pressing it against the Switch.
(1) Mounting the Switch
(2) Creating a Cable Port Hole
(3) Securing the Connector Cable
The Standard-size Legend Plate Frame can
be mounted.
Mount the Frame as shown in the following
diagram. Mount the Switch in the same way
as for an ordinary panel.
Place the tip of a screwdriver on the surface
where the cable port hole is to be created
with the cover attached and strike the
screwdriver to punch a hole.
Attempts to punch a hole on the other side
of the case will damage the Box.
1. Insert the connector into the cable port hole in the Box and secure
with the Mounting Ring inside the box.
2. Pass the tightening cap through the cable, insert the cable into the
connector, and tighten the tightening cap to secure the cable.
(1) Installing the Switch Blocks
(2) Removing the Switch Blocks
Wiring Round Crimp Terminals
• Hook the small protrusion on the Mounting Latch
into the groove on the other side of the lever, then
push up the Switch Block in the direction indicated
by the arrow in the figure below.
• Insert a screwdriver between the Mounting Latch
and the Switch Block, then push down the screw-
driver in the direction indicated by the arrow in the
following figure.
• Loosen the terminal screw from the Switch
Unit until it completely comes off the groove,
insert a screwdriver as shown in the following
figure, then push up the washer in the direc-
tion indicated by the arrow to temporarily
secure it.
Now, a round crimp terminal can be con-
nected. After inserting the terminal, tighten the
screws to complete wiring.
Snap-in Legend Plate
Cable diameter (mm)
Connector
7 to 9 dia.
A22Z-3500-1
9 to 11 dia.
A22Z-3500-2
Box
Connector
Tightening cap
Cable
O Ring
Fixing
Ring
Switch Blocks
Mounting Latches
Lever
Protrusion
Screwdriver
Use either of the following screwdrivers.
Flat-head screwdriver
3 to 6 mm
3 to 6 mm dia.
Phillips screwdriver
Screwdriver
Washer
Screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com