Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 10Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 11Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 12Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 13Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 14Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 15Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
A22NE-PD
14
Checking Connections
• After the insertion, pull gently on the wire to make sure that it will
not come off and it is securely fastened to the terminal block.
• If you use a ferrule with a conductor length of 10 mm, part of the
conductor may be visible after the ferrule is inserted into the
terminal block, but the product insulation distance will still be
satisfied.
2. Removing Wires from the Push-In Plus Terminal Block
Use the following procedure to remove wires from the terminal block.
The same method is used to remove stranded wires, solid wires, and ferrules.
1. Hold a flat-blade screwdriver at an angle and insert it into the
release hole. The angle should be appropriately 10 to 15°.
2. With the flat-blade screwdriver still inserted into the release hole,
remove the wire from the terminal insertion hole.
3. Remove the flat-blade screwdriver from the release hole.
3. Recommended Ferrules and Crimp Tools
Coating peeling amount
Recommended ferrules
Note: 1. Make sure that the outer diameter of the wire coating is
smaller than the inner diameter of the insulation sleeve of
the recommended ferrule.
2. Make sure that the ferrule processing dimensions conform
to the following figures.
Recommended Flat-Blade Screwdrivers
Use a flat-blade screwdriver to connect and remove wires.
Use one of the following flat-blade screwdrivers.
The following table shows manufacturers and models as of 2015/Dec.
* The SZF 0-0,4 × 2,5 (manufactured by Phoenix Contact) can be
procured through an OMRON exclusive purchase form (XW4Z-00B).
• After wiring the Switch/Indicator, provide a sufficient insulation
distance.
(2)
(1)
(3)
Flat-head screwdriver
Approx.
10 to 15°
Recommend Wire Type
Stripping length
(Ferrules not used)
0.25 to 1.5 mm2/AWG 24 to AWG 16
8 mm
Applicable
wire
Ferrule
conductor
length
(mm)
Stripping
length (mm)
(Ferrules not
used)
Recommended ferrules
(mm2)
(AWG)
Phoenix
Contact
product
Weidmuller
product
Wago
product
0.25
24
8
10
AI 0, 25-8
H0.25/12
216-301
10
12
AI 0, 25-10
---
---
0.34
22
8
10
AI 0, 34-8
H0.34/12
216-302
10
12
AI 0, 34-10
---
---
0.5
20
8
10
AI 0, 5-8
H0.5/14
216-201
10
12
AI 0, 5-10
H0.5/16
216-241
0.75
18
8
10
AI 0, 75-8
H0.75/14
216-202
10
12
AI 0, 75-10
H0.75/16
216-242
1/1.25 18/17
8
10
AI 1-8
H1.0/14
216-203
10
12
AI 1-10
H1.0/16
216-243
1.25/1.5
17/16
8
10
AI 1, 5-8
H1.5/14
216-204
10
12
AI 1, 5-10
H1.5/16
216-244
Recommended Crimp Tools
CRIMPFOX6
CRIMPFOX6T-F
CRIMPFOX10S
PZ6 roto
Variocri
mp4
Model
Manufacture
ESD 0,40 × 2,5
Wera
SZS 0,4 × 2,5
SZF 0-0,4 × 2,5
*
Phoenix Contact
0.4 × 2.5 × 75 302
Wiha
AEF.2,5 × 75
Facom
210-719
Wago
SDI 0,4 × 2,5 × 75
Weidmuller
8 to 10 mm
Max. 1.9 mm
Max. 2.6 mm
Side view
0.4 mm
2.5 mm dia.
2.5 mm
Front view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com