Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R25 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # A22Z-R25
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R25 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button A22Z-R25 Datasheet HTML 16Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 17Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 18Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 19Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 20Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 21Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 22Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 23Page - Omron Electronics LLC A22Z-R25 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
A22NE-P
20
Accessories (Order Separately)
Note: For details on the accessories common to the screw terminal block types and push-in plus terminal block types, refer to "Common
Accessories and Tools (Order Separately)" on page 51.
* The A22NZ-A-B01Y Control Box cannot be used in combination with the A22Z-3476-1 90-dia. Legend Plates for Emergency Stop or the A22Z-
EG
@ E-stop Shrouds.
Item
Appearance
Contact specifications
Model
Remarks
Switch Blocks
(one contact)
1NO (Blue)
Standard load
A22NZ-S-P1AN
Provided as standard.
Order Switch Blocks only when
adding or replacing them.
1NC (Red)
Standard load
A22NZ-S-P1BN
Switch Blocks
(two contacts)
2NC (Red)
Standard load
A22NZ-S-P2BN
Order Switch Blocks only when
adding or replacing them.
1NO/1NC
(White)
Standard load
A22NZ-S-P2CN
Lighting unit
6 VAC/VDC
A22NZ-T-APN
These are provided with the
completely assembled set of
lighted models. Order Lighting
Units only when replacing them.
12 VAC/VDC
A22NZ-T-BPN
24 VAC/VDC
A22NZ-T-CPN
100, 110, 120 VAC
A22NZ-T-DPN
200, 220, 230, 240 VAC
A22NZ-T-EPN
Mounting
Latches
---
A22NZ-H-02
This Mounting Latch is for
exclusive use with the A22NE-P.
It is provided with the completely
assembled set.
Order Mounting Latches only
when mounting Switch Blocks or
Lighting Units that are
purchased individually.
Control Boxes
(Enclosures)
One hole, yellow box
A22NZ-A-B01Y
Material: Polycarbonate resin.
Can be combined with 1-contact
Switch Blocks.
(Cannot be combined with
2-contact Switch Blocks.)
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com