Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 10Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 11Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 12Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 13Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 14Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 15Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 16Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 17Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
WL-N/WLM-N
14
Switches with Lever Actuators
Switches with Plunger Actuators
Switches with Flexible Rod Actuators
General-purpose Switches
Actuator
Roller lever: R38
Roller lever: R50
Roller lever: R63
Indicator
Item
Pretravel (PT)
Model
Model
Model
Neon lamp
Basic
15
±5°
WLCA2-LE-N
WLCA2-7LE-N
WLCA2-8LE-N
25
±5°
WLCA2-2LE-N
-----
-----
MAX20
°
WLCA2-2NLE-N
-----
-----
High-sensitivity
10
°
WLG2-LE-N
-----
-----
High-precision
5
°
WLGCA2-LE-N
-----
-----
LED
Basic
15
±5°
WLCA2-LD-N
WLCA2-7LD-N
WLCA2-8LD-N
25
±5°
WLCA2-2LD-N
-----
-----
MAX20
°
WLCA2-2NLD-N
-----
-----
High-sensitivity
10
°
WLG2-LD-N
-----
-----
High-precision
5
°
WLGCA2-LD-N
-----
-----
Actuator
Adjustable roller lever:
Adjustable rod lever:
25 to 140mm
Adjustable rod lever:
350 to 380mm
Rod spring lever
Indicator
Item
Pretravel (PT)
Model
Model
Model
Model
Neon lamp
Basic
15
±5°
WLCA12-LE-N
WLCL-LE-N
WLCAL4-LE-N
WLCAL5-LE-N
25
±5°
WLCA12-2LE-N
WLCL-2LE-N
-----
-----
MAX20
°
WLCA12-2NLE-N
WLCL-2NLE-N
-----
-----
High-sensitivity
10
°
WLG12-LE-N
WLGL-LE-N
-----
-----
LED
Basic
15
±5°
WLCA12-LD-N
WLCL-LD-N
WLCAL4-LD-N
WLCAL5-LD-N
25
±5°
WLCA12-2LD-N
WLCL-2LD-N
-----
-----
MAX20
°
WLCA12-2NLD-N
WLCL-2NLD-N
-----
-----
High-sensitivity
10
°
WLG12-LD-N
WLGL-LD-N
-----
-----
Actuator
Fork lever lock
Fork lever lock
Fork lever lock
Indicator
Item
Movement until
the lever reverses
Model
Model
Model
Neon lamp
Basic
50
±5°
WLCA32-41LE-N
WLCA32-42LE-N
WLCA32-43LE-N
LED
Basic
50
±5°
WLCA32-41LD-N
-----
WLCA32-43LD-N
Actuator
Sealed top plunger
Sealed top-roller
plunger
Sealed top-ball
plunger
Indicator
Item
Pretravel (PT)
Model
Model
Model
Neon lamp
Basic
1.7 mm
WLD18-LE-N
WLD28-LE-N
WLD38-LE-N
LED
Basic
1.7 mm
WLD18-LD-N
WLD28-LD-N
WLD38-LD-N
Actuator
Horizontal plunger
Horizontal-roller
plunger
Horizontal-ball
plunger
Indicator
Item
Pretravel (PT)
Model
Model
Model
Neon lamp
Basic
2.8 mm
WLSD-LE-N
WLSD2-LE-N
WLSD3-LE-N
LED
Basic
2.8 mm
WLSD-LD-N
WLSD2-LD-N
WLSD3-LD-N
Actuator
Coil spring
(spring diameter: 6.5)
Coil spring
(spring diameter: 4.8)
Indicator
Item
Pretravel (PT)
Model
Model
Neon lamp
Basic
20
±10 mm
WLNJ-LE-N
WLNJ-30LE-N
LED
Basic
20
±10 mm
WLNJ-LD-N
WLNJ-30LD-N
Actuator
Resin rod
(rod diameter: 8)
Steel wire
(wire diameter: 1)
Indicator
Item
Pretravel (PT)
Model
Model
Neon lamp
Basic
40
±20 mm
WLNJ-2LE-N
WLNJ-S2LE-N
LED
Basic
40
±20 mm
WLNJ-2LD-N
WLNJ-S2LD-N
Operation Indicator Switches
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
-1
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com