Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 27Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 28Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 29Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 30Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 31Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 32Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 33Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 34Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
WL-N/WLM-N
31
Long-life Switches
Shield Structure
A combination Philips-slotted screw is used.
A retainer prevents the screw from falling
from the cover even when the screw is loose.
Head Cap
The head cap helps prevent the entry of cutting
chips.You can use the protrusion on the cap to
confirm the set position.
PEEK resin is used. It provides superior resistance to
wear. You can change the mounting direction to use
any one of the three operating directions (both sides,
left side, or right side).
Operating Plunger
High sealing performance is achieved. The seal also
serves as a spacer.
There is no troublesome insulating paper, making it
easy to work with the Switch.
Cover Seal
Built-in Switch
Built-in switch with an
SPST-NO+NC contact form.
Terminal Screws
Four, M3.5 screws.
Conduit Opening
In addition to parallel threads for G1/2 tubing,
direct-wired and pre-wired connectors have been
added to the series.
Cover Setscrew
Head
You can remove the two screws to mount the head in
any of the four possible directions.
A head cap and oil seal form a double-seal structure.
Excellent durability and reliability are ensured.
Actuator
The roller is made of self-lubricating sintered
stainless steel.
It provides superior resistance to wear.
Lever
Roller
The lever is forged from anti-corrosive aluminum
alloy. It provides superior corrosion resistance and
outstanding strength. With a roller lever actuator,
the actuator position can be set anywhere within
360°. (The lever cannot be mounted in the opposite
direction.)
Cover
Oil seal
Head cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com