Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 46 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 46 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 42Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 43Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 44Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 45Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 46Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 47Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 48Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 49Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 50Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
WL-N/WLM-N
46
Using a WL
@-2N Switch Mounted from the Side
If you replace a previous Switch with a WL
@-2N-N Switch, a Mounting
Plate (sold separately) is available to maintain mounting compatibility.
If you use the Mounting Plate, the Switch mounting holes and actuator
position will be compatible. (The position of the dog will not need to
be changed.)
Operation
• Carefully determine the position and shape of the dog or cam so that
the actuator will not abruptly snap back, thus causing shock. In order
to operate the Limit Switch at a comparatively high speed, use a dog
or cam that keeps the Limit Switch turned ON for a sufficient time so
that the relay or valve will be sufficiently energized.
• The method of operation, the shape of the cam or dog, the
operating frequency, and the travel after operation have a large
influence on the durability and operating accuracy of the Limit
Switch. The cam or dog must be smooth in shape.
• Appropriate force must be imposed on the actuator by the cam or
dog in both rotary operation and linear operation.
If the dog touches the lever as shown below, the operating position
will not be stable.
• Unbalanced force must not be imposed on the actuator. Otherwise,
wear and tear on the actuator may result.
• With a roller actuator, the dog must touch the actuator at a right
angle. The actuator or shaft may deform or break if the dog touches
the actuator (roller) at an oblique angle.
• Make sure that the actuator does not exceed the OT (overtravel)
range, otherwise the Limit Switch may malfunction. When mounting
the Limit Switch, be sure to adjust the Limit Switch carefully while
considering the whole movement of the actuator.
• The Limit Switch may soon malfunction if the OT is excessive.
Therefore, adjustments and careful consideration of the position of
the Limit Switch and the expected OT of the operating body are
necessary when mounting the Limit Switch.
• When using a pin-plunger actuator, make sure that the stroke of the
actuator and the movement of the dog are located along a single
straight line.
Others
• For long term (over a year) storage, check according to Operating
characteristics, Contact resistance and Dielectric strength at least.
And check with using condition.
• The durability of the Switch is greatly affected by operating
conditions.
Evaluate the Switch under actual working conditions before
permanent installation and use the Switch within a number of
switching operations that will not adversely affect the SwitchÅfs
performance.
23
30.2
WL
@-2N
Mounting Plate
Replacing a Switch
with the WL
@-2N-N
Mounting Plate
Set
contents
Model
WLN-P001
Plate mounting
bolts (2)
Plate (1)
Switch mounting
bolts (2)
Incorrect
Correct
Snapped
back
Abruptly
actuated
Incorrect
Correct
Snapped
back Abruptly
actuated
Incorrect
Dog
Dog
Correct
Incorrect
Correct
Roller
Roller
Dog
Dog
Correct
Incorrect
Dog
Dog
Operating
body
Install a stopper.
PT (Pretravel)
FP (Free position)
OP (Operating position)
OT (Overtravel)
TTP (Total travel position)
Reference line
70% of
rated OT
100% of
rated OT
Distance to the
optimum setting range.
Optimum setting range
Correct
Stopper
Incorrect
Correct
Operating
body
Operating
body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com