Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 47 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 43Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 44Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 45Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 46Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 47Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 48Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 49Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 50Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
WL-N/WLM-N
47
Using the Switches
Item
Applicable models and Actuators
Details
Changing the Installation Position
of the Actuator
By loosening the Allen-head bolt on
the actuator lever, the position of the
actuator can be set anywhere within
the 360
°.
With Indicator-equipped Switches, the
actuator lever comes in contact with
the top of the indicator cover, so use
caution when rotating and setting the
lever.
When the lever only moves forwards
and backwards, it will not contact the
lamp cover.
(This does not apply to Long-life
Switches.)
Roller Levers:
(WLCA2-N, WLCA2-2-N,
WLCA2-2N-N, WLG2-N,
WLCA2-7-N, WLCA2-8-N,
WLGCA2-N, WLMCA2-N,
WLMG2-N, WLMGCA2-N)
Adjustable Roller Levers:
(WLCA12-N, WLCA12-2-N,
WLCA12-2N-N, WLG12-N)
Adjustable rod lever:
(WLCL-N, WLCL-2-N,
WLCL-2N-N, WLGL-N,
WLCAL4-N, WLCAL5-N)
Changing the Orientation of the
Head
By removing the two screws of the
Head, the Head can be set in any of
the four directions.
Be sure to change the plunger for
internal operations at the same time.
The roller plunger can be set in either
of two positions at 90°
Roller Levers:
(WLCA2-N, WLCA2-2-N,
WLCA2-2N-N, WLG2-N,
WLCA2-7-N, WLCA2-8-N,
WLGCA2-N, WLMCA2-N,
WLMG2-N, WLMGCA2-N)
Adjustable Roller Levers:
(WLCA12-N, WLCA12-2-N,
WLCA12-2N-N, WLG12-N)
Adjustable rod lever:
(WLCL-N, WLCL-2-N,
WLCL-2N-N, WLGL-N,
WLCAL4-N, WLCAL5-N)
Horizontal plunger
(WLSD
@-N)
Sealed top-roller plunger
(WLD28-N)
Note: Does not include the -RP60
Series or -141 Series.
Changing the Operating Direction
By removing the Head on models
which can operate on one-side only,
and then changing the direction of the
operational plunger, one of three
operating directions can be selected.
Roller Levers:
(WLCA2-N, WLCA2-2-N,
WLCA2-2N-N, WLG2-N,
WLCA2-7-N, WLCA2-8-N,
WLGCA2-N, WLMCA2-N,
WLMG2-N, WLMGCA2-N)
Adjustable Roller Levers:
(WLCA12-N, WLCA12-2-N,
WLCA12-2N-N, WLG12-N)
Adjustable rod lever:
(WLCL-N, WLCL-2-N,
WLCL-2N-N, WLGL-N,
WLCAL4-N, WLCAL5-N)
Installing the Roller on the Inside
By installing the roller lever in the
opposite direction, the roller can be
installed on the inside.
(Set so that operation can be
completed within a 180
° level range.)
Roller Levers:
(WLCA2-N, WLCA2-2-N,
WLCA2-2N-N, WLG2-N,
WLCA2-7-N, WLCA2-8-N,
WLGCA2-N, WLMCA2-N,
WLMG2-N, WLMGCA2-N)
Fork lever lock:
(WLCA32-4
@-N)
Note: Except for Switches with
variable roller levers.
Loosen the Allen-head bolt, set
the actuator's position and then
tighten the bolt again.
Head
Loosen the screws.
Operating
Operating
Operating
Not operating
Operating
Not operating
Operation in both
directions
Clockwise operation
Counterclockwise
operation
The output of the Switch will be
changed, regardless of which
direction the lever is pushed.
p
The output of the Switch will
only be changed when the lever
is pushed in one direction.
Loosen the
Allen-head bolt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com