Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 26 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 22Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 23Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 24Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 25Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 26Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 27Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 28Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 29Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
WL-N/WLM-N
26
B300 Authentication conditions
A150 Authentication conditions
B150 Authentication conditions
C150 Authentication conditions
TÜV (EN 60947-5-1)
(Certification Only for Switches with Ground Terminals and DC Switches with Connectors)
CCC (GB14048.5)
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
240 VAC
5 A
30
15
3
1.5
3,600
360
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
10 A
60
6
7,200
720
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
5 A
30
3
3,600
360
Rated voltage
Energizing current
Current (A)
Volt-ampere (VA)
Make
Break
Make
Break
120 VAC
2.5 A
15
1.5
1,800
180
Authentication conditions
Specification
With ground terminals
With DC Connector
No indicator
Neon lamp
LED
Working load category
AC-15
DC-12
AC-15
AC-15
DC-12
DC-12
Rated working voltage (Ue)
250 V
48 V
250 V
115 V
48 V
48 V
Rated working current (Ie)
2 A
Conditional short-circuit current
100 A
Short-circuit protective device (SCPD)
10 A, fuse type gG
Rated insulation voltage (Ui)
250 V
48 V
Rated impulse dielectric strength (Uimp)
4 kV
800 V
Pollution degree
3
Electric shock protection class
Class
I
Class
III
Authentication conditions
Specification
No indicator
Neon lamp
LED
With DC Connector
With AC Connector
Working load category
AC-15
DC-13
AC-15
AC-15
DC-13
DC-13
AC-15
Rated working voltage (Ue)
250 V
48 V
250 V
250 V
48 V
48 V
250 V
Rated working current (Ie)
2 A
Conditional short-circuit current
1000 A
Short-circuit protective device (SCPD)
10 A, fuse type gG
Rated insulation voltage (Ui)
250 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com