Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLG2-LDAS Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # WLG2-LDAS
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLG2-LDAS Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button WLG2-LDAS Datasheet HTML 12Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 13Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 14Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 15Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 16Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 17Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 18Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 19Page - Omron Electronics LLC WLG2-LDAS Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
WL-N/WLM-N
16
Contact Forms
Screw Terminal Switches
Screw Terminal Switches
Indicator-equipped (Light-ON when Not Operating) Switches *1
Direct-wired Connectors/Pre-wired Connectors
Indicator-equipped (Light-ON when Not Operating) Switches *1
Note: Leakage current from indicator circuit may cause load malfunction (i.e., the load may remain ON). Make sure that the load operating current is higher
than the leakage current. For countermeasures, refer to technical support on your OMRON website.
*1. Light-ON when not operating means the indicator is lit when the actuator is free and is not light when the Switch contacts (NO) close when the
actuator rotates or is pushed down.
*2. The position of the positioning piece is not always the same. If using an L-shaped connector causes problems in application, use a straight connector.
Connecting Sensor I/O connector cable (Socket)
13 (NO)
11 (NC)
14 (NO)
12 (NC)
Za
13 (NO)
11 (NC)
14 (NO)
12 (NC)
Internal
circuits
Za
NO
NC
NC
NO
4
Internal
circuits
3
4
WL
@-@K13A-N
WL
@-@K43A-N
WL
@-@-AGJ-N
1
1
1
3
3
4
1
2
2
4
2 3 4
2
3
NO
NC
NC
NO
4
Internal
circuits
3
4
1
3
2
4
WL
@-@K13-N
WL
@-@-M1J-N
WL
@-@-M1TJ-N
WL
@-@-M1GJ-N
WL
@-@-M1TGJ-N
WL
@-@-M1JB-N
WL
@-@-M1TJB-N
WL
@-@K43-N
WL
@-@DGJ-N
WL
@-@DTGJ-N
1
2
3
AC
DC
AC
DC
Za
Za
indicate the connector pin number.
1 2 3 4
indicate the connector pin number.
Positioning piece *2
Connector Pin Layout Diagram
Positioning piece *2
Type
AC/DC Type
Number of cable cores
Cable length
L (m)
Model
Applicable limit switch models
M12 Screw (Straight)
AC
2
2 m
XS2F-A421-DB0-F
WL
@-@K13A-N
5 m
XS2F-A421-GB0-F
4
2 m
XS2F-A421-D90-F
WL
@-@K43A-N
WL
@-@-AGJ-N
5 m
XS2F-A421-G90-F
DC
2
2 m
XS2F-D421-DD0
WL
@-@K13-N
WL
@-@-M1J-N
5 m
XS2F-D421-GD0
2 m
XS2F-D421-DA0-F
WL
@-@-M1GJ@-N
5 m
XS2F-D421-GA0-F
4
2 m
XS2F-D421-D80-F
WL
@-@K43-N
WL
@-@-M1JB-N
WL
@-@DGJ-N
5 m
XS2F-D421-G80-F
M12 Smart click type (Straight)
DC
4
2 m
XS5F-D421-D80-F
WL
@-@-M1TJ-N
WL
@-@-M1TJB-N
5 m
XS5F-D421-G80-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com