Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS3L02AS4 Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LIS3L02AS4
8/14
Table 6. Filter Capacitor Selection, Cload (x,y,z). Capacitance Value Choose.
5.1 Soldering information
The SO24 package is lead free qualified for soldering heat resistance according to JEDEC J-STD-020C.
5.2 Output response vs orientation
Figure 5. Output response vs orientation
Figure 5 refers to LIS3L02AS4 device powered at 3.3V
Cut-off frequency
Capacitor value
1 Hz
1500nF
10 Hz
150nF
50 Hz
30 nF
100 Hz
15 nF
200 Hz
6.8 nF
500 Hz
3 nF
X=1.65V (0g)
Y=1.65V (0g)
Z=2.31V (+1g)
X=1.65V (0g)
Y=1.65V (0g)
Z=0.99V (-1g)
TOP VIEW
X=2.31V (+1g)
Y=1.65V (0g)
Earth’s Surface
X=0.99V (-1g)
Y=1.65V (0 g)
X=1.65V (0g)
Y=0.99V (-1g)
X=1.65V (0g)
Y=2.31V (+1g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Z=1.65V (0g)
Top
Top
Bottom
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com