Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 13Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LIS3L02AS4
10/14
6.2 Mechanical Characteristics derived from measurement in the -40°C to +85°Ctemperature range
Figure 12. X axis Zero g Level Change Vs.
Temperature
Figure 13. Y axis Zero g Level Change Vs.
Temperature
Figure 14. Z axis Zero g Level Change Vs.
Temperature
Figure 15. X axis Sensitivity Change Vs.
Temperature
Figure 16. Y axis Sensitivity Change Vs.
Temperature
Figure 17. Z axis Sensitivity Change Vs.
Temperature
1
0.5
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
Zerog level change (mg/deg. C)
1
0.5
0
0.5
1
0
5
10
15
20
25
30
35
40
45
50
0g level change (mg/deg. C)
1
0
1
2
3
4
0
5
10
15
20
25
30
0g level change (mg/deg. C)
0.03
0.02
0.01
0
0.01
0.02
0
5
10
15
20
25
30
35
40
45
Sensitivity Change(%/deg. C)
0.03
0.02
0.01
0
0.01
0.02
0
5
10
15
20
25
30
35
40
45
50
Sensitivity Change (%/deg. C)
0.05
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0
5
10
15
20
25
30
35
40
Sensitivity Change (%/deg. C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com