Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 2 Page - STMicroelectronics

  LIS3L02AS4 Datasheet HTML 1Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 2Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LIS3L02AS4
2/14
Table 2. Pin Description
Figure 3. Pin Connection (Top view)
N°
Pin
Function
1 to 5
NC
Internally not connected
6GND
0V supply
7
Vdd
Power supply
8
Vouty
Output Voltage
9
ST
Self Test (Logic 0: normal mode; Logic 1: Self-test)
10
Voutx
Output Voltage
11
PD
Power Down (Logic 0: normal mode; Logic 1: Power-Down mode)
12
Voutz
Output Voltage
13
FS
Full Scale selection (Logic 0: 2g Full-scale; Logic 1: 6g Full-scale)
14-15
Reserved
Leave unconnected or connect to Vdd
16
Reserved
Connect to Vdd or ground
17
Reserved
Leave unconnected or connect to Vdd
18
Reserved
Leave unconnected or connect to ground
19 to 24
NC
Internally not connected
NC
NC
NC
NC
NC
NC
Reserved
Reserved
Reserved
Reserved
Reserved
FS
NC
NC
NC
NC
NC
GND
Vdd
Vouty
ST
Voutx
PD
Voutz
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
13
Z
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com