Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
LIS3L02AS4
6
Typical performance Characteristics
6.1 Mechanical Characteristics at 25°C.
Figure 6. X axis Zero g Level at 3.3V
Figure 7. Y axis Zero g Level at 3.3V
Figure 8. Z axis Zero g Level at 3.3V
Figure 9. X axis Sensitivity at 3.3V
Figure 10. Y axis Sensitivity at 3.3V
Figure 11. Z axis Sensitivity at 3.3V
1.55
1.6
1.65
1.7
1.75
0
2
4
6
8
10
12
14
16
18
20
Zerog Level (V)
1.55
1.6
1.65
1.7
1.75
0
2
4
6
8
10
12
14
16
18
20
Zerog Level (V)
1.55
1.6
1.65
1.7
1.75
0
2
4
6
8
10
12
14
16
18
20
Zerog Level (V)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
Sensitivity (V/g)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
Sensitivity (V/g)
0.62
0.63
0.64
0.65
0.66
0.67
0.68
0.69
0.7
0
5
10
15
20
25
Sensitivity (V/g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com