Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 13Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LIS3L02AS4
12/14
7
Package Information
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These pack-
ages have a Lead-free second level interconnect. The category of second Level Interconnect is marked on the
package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related
to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 22. SO24 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.33
0.51
0.013
0.200
C
0.23
0.32
0.009
0.013
D (1)
15.20
15.60
0.598
0.614
E
7.40
7.60
0.291
0.299
e
1.27
0.050
H
10.0
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.40
1.27
0.016
0.050
k
0˚ (min.), 8˚ (max.)
ddd
0.10
0.004
(1) “D” dimension does not include mold flash, protusions or gate
burrs. Mold flash, protusions or gate burrs shall not exceed
0.15mm per side.
SO24
0070769 C
Weight: 0.60gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com