Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS3L02AS4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - ±2g/±6g LINEAR ACCELEROMETER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 10Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 11Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 12Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 13Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
LIS3L02AS4
6.3 Electrical Characteristics at 25°C
Figure 18. Noise density at 3.3V (X,Y axes)
Figure 19. Noise density at 3.3V (Z axis)
Figure 20. Current consumption at 3.3V
Figure 21. Current consumption in power
down mode at 3.3V
18
20
22
24
26
28
30
32
0
5
10
15
20
25
30
35
Noise density (ug/sqrt(Hz))
20
30
40
50
60
70
80
0
5
10
15
20
25
Noise density (ug/sqrt(Hz))
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
current consumption (mA)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
5
10
15
20
25
30
current consumption (uA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com