Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(6/10)
1999-12-06 (Ver.0.1)
LTM06C310
CONNECTOR PIN ASSIGNMENT FOR INTERFACE
CN1 INPUT SIGNAL
Connector : SL00-20L2 / KEL CORP.
Mating Connector : SL20-20S / KEL CORP.
Terminal No.
Symbol
Function
1
V
DD
Power Supply : +3.3V
2
V
DD
Power Supply : +3.3V
3
V
DD
Power Supply : +3.3V
4
V
DD
Power Supply : +3.3V
5
GND
6
GND
7
GND
8
CK+
Sampling Clock (Positive : + )
9
CK-
Sampling Clock (Negative : - )
10
GND
11
IN2+
Transmission Data of Pixels 2 (Positive : + )
12
IN2-
Transmission Data of Pixels 2 (Negative : - )
13
GND
14
IN1+
Transmission Data of Pixels 1 (Positive : + )
15
IN1-
Transmission Data of Pixels 1 (Negative : - )
16
GND
17
IN0+
Transmission Data of Pixels 0 (Positive : + )
18
IN0-
Transmission Data of Pixels 0 (Negative : - )
19
GND
20
GND
CN2
CCFL POWER SOURCE
Connector : BHSR-02VS-1 / JAPAN SOLDERLESS TERMINAL MFG CO.,LTD.
Mating Connector : SM02B-BHSS-1 / JAPAN SOLDERLESS TERMINAL MFG CO.,LTD.
Terminal No.
Symbol
Function
1
VFLH
CCFL Power Supply ( high voltage)
2
VFLL
CCFL Power Supply (low voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com