Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(8/10)
1999-12-06 (Ver.0.1)
LTM06C310
RECOMMENDED TRANSMITTER (DS90CF383) TO LTM06C310 INTERFACE ASSIGNMENT
Case2: 8bit Transmitter
DS90CF383
Input Terminal No.
Input Signal
(Graphics controller output signal)
LTM06C310
Interface
(CN1)
Symbol
DS90CF383
Symbol
Function
Output
Signal
Symbol
Terminal
Symbol
TIN0
51
R0
Red Pixels Display Data (LSB)
TIN1
52
R1
Red Pixels Display Data
TIN2
54
R2
Red Pixels Display Data
TIN3
55
R3
Red Pixels Display Data
TIN4
56
R4
Red Pixels Display Data
TIN6
3
R5
Red Pixels Display Data (MSB)
TIN7
4
G0
Green Pixels Display Data(LSB)
TOUT0-
TOUT0+
No.12
No.11
IN0-
IN0+
TIN8
6
G1
Green Pixels Display Data
TIN9
7
G2
Green Pixels Display Data
TIN12
11
G3
Green Pixels Display Data
TIN13
12
G4
Green Pixels Display Data
TIN14
14
G5
Green Pixels Display Data(MSB)
TIN15
15
B0
Blue Pixels Display Data (LSB)
TIN18
19
B1
Blue Pixels Display Data
TOUT1-
TOUT1+
No.10
No.9
IN1-
IN1+
TIN19
20
B2
Blue Pixels Display Data
TIN20
22
B3
Blue Pixels Display Data
TIN21
23
B4
Blue Pixels Display Data
TIN22
24
B5
Blue Pixels Display Data (MSB)
TIN24
27
NC
Non Connection (open)
TIN25
28
NC
Non Connection (open)
TIN26
30
ENAB
Compound Synchronization Signal
TOUT2-
TOUT2+
No.8
No.7
IN2-
IN2+
TIN27
50
NC
Non Connection (open)
TIN5
2
NC
Non Connection (open)
TIN10
8
NC
Non Connection (open)
TIN11
10
NC
Non Connection (open)
TIN16
16
NC
Non Connection (open)
TIN17
18
NC
Non Connection (open)
TIN23
25
NC
Non Connection (open)
TOUT3-
TOUT3+
CLK IN
31
NCLK
Data Sampling Clock
TCLK OUT-
TCLK OUT+
No.6
No.5
CLK IN-
CLK IN+
G0
R5
R4
R3
R2
R1
R0
G5
B0
B1
G4
G1
B4
B5
G3
G2
B2
B3
NC
NC
ENAB
IN 0
IN 1
IN 2
NC
NC
IN 3
NC
NC
NC
NC
NC
TI N22
T IN2 1
T IN2 0
T IN1 9
T IN2 3
TIN 17
TIN 16
TI N11
T IN1 0
T IN5
T IN2 7
T IN7
TIN6
TIN 4
T I N 3
T IN2
T IN1
T IN0
T IN1 8
TIN 15
TIN 14
TI N13
T IN12
T IN9
T IN8
T IN2 6
TIN 25
TIN 24



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com