Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(9/10)
1999-12-06 (Ver.0.1)
LTM06C310
256k (k=1024) COLORS COMBINATION TABLE
Display
R5 R4 R3 R2 R1 R0 G5 G4 G3 G2 G1 G0 B5 B4 B3 B2 B1 B0
Gray Scale
Level
Black
L L L L L L
L L L L L L
L L L L L L
-
Blue
L L L L L L
L L L L L L
H H H H H H
-
Green
L L L L L L
H H H H H H
L L L L L L
-
Light Blue
L L L L L L
H H H H H H
H H H H H H
-
Red
H H H H H H
L L L L L L
L L L L L L
-
Purple
H H H H H H
L L L L L L
H H H H H H
-
Yellow
H H H H H H
H H H H H H
L L L L L L
-
Basic
Color
White
H H H H H H
H H H H H H
H H H H H H
-
Black
L L L L L L
L L L L L L
L L L L L L
L 0
L L L L L H
L L L L L L
L L L L L L
L 1
L L L L H L
L L L L L L
L L L L L L
L 2
:
:
:
:
:
:
L3
…
L60
H H H H L H
L L L L L L
L L L L L L
L61
Dark
↑
↓
Light
H H H H H L
L L L L L L
L L L L L L
L62
Gray
Scale of
Red
Red
H H H H H H
L L L L L L
L L L L L L
Red
L63
Black
L L L L L L
L L L L L L
L L L L L L
L 0
L L L L L L
L L L L L H
L L L L L L
L 1
L L L L L L
L L L L H L
L L L L L L
L 2
:
:
:
:
:
:
L3
…
L60
L L L L L L
H H H H L H
L L L L L L
L61
Dark
↑
↓
Light
L L L L L L
H H H H H L
L L L L L L
L62
Gray
Scale of
Green
Green
L L L L L L
H H H H H H
L L L L L L
Green L63
Black
L L L L L L
L L L L L L
L L L L L L
L 0
L L L L L L
L L L L L L
L L L L L H
L 1
L L L L L L
L L L L L L
L L L L H L
L 2
:
:
:
:
:
:
L3
…
L60
L L L L L L
L L L L L L
H H H H L H
L61
Dark
↑
↓
Light
L L L L L L
L L L L L L
H H H H H L
L62
Gray
Scale of
Blue
Blue
L L L L L L
L L L L L L
H H H H H H
Blue
L63
Black
L L L L L L
L L L L L L
L L L L L L
L 0
L L L L L H
L L L L L H
L L L L L H
L 1
L L L L H L
L L L L H L
L L L L H L
L 2
:
:
:
:
:
:
L3
…
L60
H H H H L H
H H H H L H
H H H H L H
L61
Dark
↑
↓
Light
H H H H H L
H H H H H L
H H H H H L
L62
Gray
Scale of
White &
Black
White
H H H H H H
H H H H H H
H H H H H H
White L63



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com