Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
(7/10)
1999-12-06 (Ver.0.1)
LTM06C310
RECOMMENDED TRANSMITTER (DS90CF363) TO LTM06C310 INTERFACE ASSIGNMENT
Case1: 6bit Transmitter
DS90CF363
Input Terminal No.
Input Signal
(Graphics controller output signal)
LTM06C310
Interface
(CN1)
Symbol
DS90CF363
Symbol
Function
Output
Signal
Symbol
Terminal
Symbol
TIN0
44
R0
Red Pixels Display Data (LSB)
TIN1
45
R1
Red Pixels Display Data
TIN2
47
R2
Red Pixels Display Data
TIN3
48
R3
Red Pixels Display Data
TIN4
1
R4
Red Pixels Display Data
TIN5
3
R5
Red Pixels Display Data (MSB)
TIN6
4
G0
Green Pixels Display Data (LSB)
TOUT0-
TOUT0+
No.12
No.11
IN0-
IN0+
TIN7
6
G1
Green Pixels Display Data
TIN8
7
G2
Green Pixels Display Data
TIN9
9
G3
Green Pixels Display Data
TIN10
10
G4
Green Pixels Display Data
TIN11
12
G5
Green Pixels Display Data (MSB)
TIN12
13
B0
Blue Pixels Display Data (LSB)
TIN13
15
B1
Blue Pixels Display Data
TOUT1-
TOUT1+
No.10
No.9
IN1-
IN1+
TIN14
16
B2
Blue Pixels Display Data
TIN15
18
B3
Blue Pixels Display Data
TIN16
19
B4
Blue Pixels Display Data
TIN17
20
B5
Blue Pixels Display Data (MSB)
TIN18
22
NC
Non Connection (open)
TIN19
23
NC
Non Connection (open)
TIN20
25
ENAB
Compound Synchronization Signal
TOUT2-
TOUT2+
No.8
No.7
IN2-
IN2+
CLK IN
26
NCLK
Data Sampling Clock
TCLK OUT-
TCLK OUT+
No.6
No.5
CLK IN-
CLK IN+
G0
R5
R4
R3
R2
R1
R0
G5
B0
B1
G4
G 1
B4
B5
G3
G2
B2
B3
NC
NC
ENAB
IN 0
IN 1
IN 2
TIN 4
T IN 3
TIN2
TIN1
TIN0
TI N1 3
TI N12
T IN 11
T IN1 0
TI N9
TI N8
TI N7
TI N2 0
TI N19
T IN 18
T IN1 7
TI N1 6
TI N15
TI N1 4
TI N6
TI N5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com