Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  LTM06C310 Datasheet HTML 1Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(1/10)
1999-12-06 (Ver.0.1)
LIQUID CRYSTAL DISPLAY DIVISION
PRODUCT INFORMATION
FEATURES
(1)
A high-resolution of 202 pixels per inch - equivalent to printed materials.
(2)
XGA resolution – expanding applications in such areas as electronic books and personal digital-picture viewers.
(3)
6.3-inch display – simillar in size to a typical photograph or a paperback book.
MECHANICAL SPECIFICATIONS
Item
Specifications
Dimensional Outline (Typ.)
151.9(W) x 115.8(H) x 7.9max(D) mm
Number of Pixels
1024(W) x 768(H) pixels
Active Area
129.024(W) x 96.768(H) mm
Pixel Pitch
0.126(W) x 0.126(H)
Weight (approximately)
130g
Backlight
Single CCFL, Sidelight type
ABSOLUTE MAXIMUM RATINGS
Item
Min.
Max.
Unit
(V
DD)
-0.3
4.0
V
Supply Voltage
(V
FL)
0
2.0
kV(rms)
FL Driving Frequency (f
FL)
-
100
kHz
Input Signal Voltage (V
IN)
-0.3
V
DD+0.3
V
Operating Temperature
0
50
°C
Storage Temperature
-20
60
°C
Storage Humidity
10
90
%(RH)
ELECTRICAL SPECIFICATION
Item
Min.
Typ.
Max.
Unit
Remarks
(V
DD)
3.0
3.3
3.6
V
Supply Voltage
(V
FL)
(390)
(440)
(490)
V(rms)
I
FL=2.8 mA(rms)
FL Start Voltage (Ta=0
°C)
(1000)
---
(1400)
V(rms)
Receiver Input Voltage
0
---
2.4
V
Differential Input High Threshold(V
TH)*1
---
---
V
OS+0.1
V
Differential Input Low Threshold(V
TL)*1
V
OS-0.1
---
---
V
V
OS:Offset Mode Voltage
V
OS=1.2V
*2 (I
DD)
---
(270)
---
MA
Current Consumption
*3 (I
FL)
(2.0)
(2.8)
(6.0)
mA(rms)
*2 *3 Power Consumption
---
(2.1)
---
W
@70cd/m
2
*1 : Refer to DF90CF364 Specification by National Semiconductor Corporation. This LCD module conforms to LVDS
standard (TIA/EIA-644)
*2 : 8 color bars pattern
*3 : Excepting the efficiency FL inverter
*4 : not use Hsync nor Vsync. Only ENAB control.
OPTICAL SPECIFICATION (Ta=25
°C)
Item
Min.
Typ.
Max.
Unit
Remarks
Contrast Ratio
(CR)
100
250
---
---
(t
ON)
---
---
50
ms
Response Time
(t
OFF)
---
---
50
ms
(50)
(70)
---
cd/m
2
I
FL=2.8mA(rms)
Luminance (L)
---
(150)
---
cd/m
2
I
FL=6mA(rms)
*The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
Toshiba or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Toshiba or others.
*The information contained herein may be changed without prior notice. It is therefore advisable to contact Toshiba before
proceeding with the design of equipment incorporating this product.
16cm COLOUR TFT-LCD MODULE
(6.3 TYPE)
LTM06C310
(p-Si TFT)
TENTATIVE


Similar Part No. - LTM06C310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTM08C343S TOSHIBA-LTM08C343S Datasheet
66Kb / 8P
21cm COLOUR TFT-LCD MODULE
LTM08C351 TOSHIBA-LTM08C351 Datasheet
72Kb / 8P
21cm COLOR TFT-LCD MODULE 8.4 TYPE
More results

Similar Description - LTM06C310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTM08C343S TOSHIBA-LTM08C343S Datasheet
66Kb / 8P
21cm COLOUR TFT-LCD MODULE
LTD104C11S TOSHIBA-LTD104C11S Datasheet
131Kb / 9P
26CM COLOUR TFT LCD MODULE
LTM10C210 TOSHIBA-LTM10C210 Datasheet
131Kb / 9P
26cm COLOUR TFT-LCD MODULE (10.4 TYPE)
logo
Sharp Corporation
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
TFT-LCD Module
logo
Toshiba Semiconductor
LTM10C209H TOSHIBA-LTM10C209H Datasheet
123Kb / 9P
26cm COLOUR TFT-LCD MODULE(10.4 TYPE)
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
5.0 TYPE COLOR TFT-LCD MODULE
LTA035A350F TOSHIBA-LTA035A350F Datasheet
83Kb / 8P
9cm COLOUR TFT-LCD MODULE
LTD121KA0S TOSHIBA-LTD121KA0S Datasheet
95Kb / 11P
31cm COLOUR TFT-LCD MODULE
LTD121EC5S TOSHIBA-LTD121EC5S Datasheet
74Kb / 10P
31cm COLOUR TFT-LCD MODULE
LTD089EXWS TOSHIBA-LTD089EXWS Datasheet
166Kb / 10P
22.6cm COLOUR TFT-LCD MODULE (8.9 TYPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com