Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM06C310 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # LTM06C310
Description  16cm COLOUR TFT-LCD MODULE 6.3 TYPE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM06C310 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button LTM06C310 Datasheet HTML 2Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 3Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 4Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 5Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 6Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 7Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 8Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 9Page - Toshiba Semiconductor LTM06C310 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(10/10)
1999-12-06 (Ver.0.1)
LTM06C310
FOR SAFETY
LCD module is generally designed with precise parts to achieve light weighted thin mechanical dimensions.
In using our Modules, make certain that you fully understand and put into practice the warnings and safety precautions
detailed in Engineering Information No.EE-N001,"CAUTIONS AND INSTRUCTIONS FOR TOSHIBA LCD MODULES".
Refer to individual specifications and TECHNICAL DATA sheets (hereinafter called "TD") for more detailed technical
information.
1) SPECIAL PURPOSES
A) Toshiba's Standard LCD Modules have not been customized for operation in extreme environments or for use in
applications where performance failures could be life-threatening or otherwise catastrophic.
B) Since Toshiba's Standard LCD Modules have not been designed for operation in extreme environments, they must never
be used in devices that will be exposed to abnormally high levels of vibration or shock which exceed Toshiba's published
specification limits.
C) In addition, since Toshiba Standard LCD Modules have not been designed for use in applications where performance
failures could be life-threatening or catastrophic, they must never be installed in aircraft navigation control systems (such as,
but not limited to Traffic Collision Avoidance System and Air Traffic Indicator), in military defense or weapons systems, in
critical industrial process-control systems (e.g., those involved in the production of nuclear energy), or in critical medical
device or patient life-support systems.
2) DISASSEMBLING OR MODIFICATION
DO NOT DISASSEMBLE OR MODIFY the module. It may damage sensitive parts inside LCD module, and may cause
scratches or dust on the display.
Toshiba doses not warrant the module, if customer disassembled or modified it.
3) BREAKAGE OF LCD PANEL
DO NOT INGEST liquid crystal material, DO NOT INHALE this material, and DO NOT CONTACT the material with skin, if
LCD panel is broken and liquid crystal material spills out.
If liquid crystal material comes into mouth or eyes, rinse mouth or eyes out with water immediately.
If this material contact with skin or cloths, wash it off immediately with alcohol and rinse thoroughly with water.
4) GLASS OF LCD PANEL
BE CAREFUL WITH CHIPS OF GLASS that may cause injuring fingers or skin, when the glass is broken.
5) ELECTRIC SHOCK
DISCONNECT POWER SUPPLY before handling LCD module.
DO NOT TOUCH the parts inside LCD module and the fluorescent lamp's connector or cables in order to prevent electric
shock, because high voltage is supplied to these parts from the inverter unit while power supply is turned on.
6) ABSOLUTE MAXIMUM RATINGS AND POWER PROTECTION CIRCUIT
DO NOT EXCEED the absolute maximum rating values under the worst probable conditions caused by the supply voltage
variation, input voltage variation, variation in parts' constants, environmental temperature, etc., otherwise LCD module may
be damaged.
Employ protection circuit for power supply, whenever the specification or TD specifies it.
Suitable protection circuit should be applied for each system design.
7) DISPOSAL
When dispose LCD module, obey to the applicable environmental regulations.
!



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com