Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 6 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MP23DB02MM Datasheet HTML 2Page - STMicroelectronics MP23DB02MM Datasheet HTML 3Page - STMicroelectronics MP23DB02MM Datasheet HTML 4Page - STMicroelectronics MP23DB02MM Datasheet HTML 5Page - STMicroelectronics MP23DB02MM Datasheet HTML 6Page - STMicroelectronics MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics MP23DB02MM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2.3
Typical performance curves
Figure 3. Typical free-field response normalized to 1 kHz
Figure 4. Typical PSRR
-10
-8
-6
-4
-2
0
2
4
6
8
10
10
100
1000
10000
Frequency [Hz]
Low
Power
Mode
Normal
Mode
40
50
60
70
80
90
100
110
100
1000
10000
Frequency [Hz]
Low
Power
Mode
Normal
Mode
Figure 5. Typical THD at 1 kHz vs. sound pressure level
Figure 6. Typical Idd vs. Vdd
0.1
1
10
90
100
110
120
130
140
S.P.L. [dBSPL]
Low
Power
Mode
Normal
Mode
0
200
400
600
800
1000
1200
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vdd [V]
Fclk 3.072MHz
Fclk 2.4MHz
Fclk 1.536MHz
Fclk 0.768MHz
Fclk 0 MHz
Figure 7. Typical THD at 1 kHz vs. sound pressure level
Figure 8. Noise floor power spectral density
0.01
0.1
1
10
100
1000
10000
Frequency [Hz]
115dB SPL
106dB SPL
94 dB SPL
120dB SPL
-160
-150
-140
-130
-120
-110
-100
-90
-80
10
100
1000
10000
Frequency [Hz]
Fclk 0.768MHz
Fclk 2.4MHz
Fclk 3.072MHz
MP23DB02MM
Typical performance curves
DS13521 - Rev 3
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com