Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 10 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MP23DB02MM Datasheet HTML 6Page - STMicroelectronics MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics MP23DB02MM Datasheet HTML 10Page - STMicroelectronics MP23DB02MM Datasheet HTML 11Page - STMicroelectronics MP23DB02MM Datasheet HTML 12Page - STMicroelectronics MP23DB02MM Datasheet HTML 13Page - STMicroelectronics MP23DB02MM Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
6
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
6.1
Soldering information
The RHLGA (3.5 x 2.65 x 0.98) mm package is also compliant with the RoHS and “Green” standards and is
qualified for soldering heat resistance according to JEDEC J-STD-020.
Landing pattern and soldering recommendations are available at www.st.com.
Figure 11. Recommended soldering profile limits
T25°C to PEAK
RAMP-DOWN
RAMP-UP
ts
PREHEAT
tL
tp
CRITICAL ZONE
TL to TP
TSMAX
TSMIN
TIME
TP
TL
30
60
90
120
150
180
210
240
270
300
330
360
390
Table 8. Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
TSMIN
150 °C
Maximum temperature
TSMAX
200 °C
Time (TSMIN to TSMAX)
tS
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidus temperature
Liquidus temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
MP23DB02MM
Package information
DS13521 - Rev 3
page 10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com