Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 3 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 3 Page - STMicroelectronics

  MP23DB02MM Datasheet HTML 1Page - STMicroelectronics MP23DB02MM Datasheet HTML 2Page - STMicroelectronics MP23DB02MM Datasheet HTML 3Page - STMicroelectronics MP23DB02MM Datasheet HTML 4Page - STMicroelectronics MP23DB02MM Datasheet HTML 5Page - STMicroelectronics MP23DB02MM Datasheet HTML 6Page - STMicroelectronics MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 1.8 V, clock = 2.4 MHz, T = 25 °C, no load, unless
otherwise noted.
Table 2. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.6
3.6
V
fCLK
Clock frequency range(2)(3)
Power-down mode
0
0.15
MHz
Low-power mode
0.54
0.768
1.1
Normal mode
1.5
2.4
3.3
Idd
Current consumption in normal mode
Fc = 2.4 MHz
800
µA
Current consumption in low-power mode
Fc = 768 kHz
285
IddPdn
Current consumption in power-down mode(4)
2
5
Icc
Short-circuit current
1
10
mA
VIOL
Low-level logic input/output voltage
Iout = 1 mA
-0.3
0.35xVdd
V
VIOH
High-level logic input/output voltage
Iout = 1 mA
0.65xVdd
Vdd+0.3
V
TWK
Wake-up time(5)
Specified by design
20
ms
Roll-off
Frequency response
at -3 dB
35
Hz
Cload
DOUT load capacitance
100
pF
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Duty cycle: min = 40% max = 60%
3. In case of mode change (from low-power to performance mode or vice versa), the clock has to be continuous or has to be
stopped for at least 50 μs.
4. Input clock in static mode
5. Time from the first clock edge to valid output data
MP23DB02MM
Acoustic and electrical specifications
DS13521 - Rev 3
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com