Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 11 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics MP23DB02MM Datasheet HTML 10Page - STMicroelectronics MP23DB02MM Datasheet HTML 11Page - STMicroelectronics MP23DB02MM Datasheet HTML 12Page - STMicroelectronics MP23DB02MM Datasheet HTML 13Page - STMicroelectronics MP23DB02MM Datasheet HTML 14Page - STMicroelectronics MP23DB02MM Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
6.2
RHLGA-5L package information
Figure 12. RHLGA 3.5 x 2.65 x 0.98 mm (metal cap) 5L package outline
Dimensionsare in millimeter unless otherwise specified
General Tolerance is+/-0.15mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE[mm]
1
.
0
±
5
.
3
]
L
[
h
t
g
n
e
L
1
.
0
±
5
6
.
2
]
W
[
h
t
d
i
W
X
A
M
8
0
.
1
]
H
[
t
h
g
i
e
H
DM00368430_3
Figure 13. Land pattern and recommended stencil opening
MP23DB02MM
RHLGA-5L package information
DS13521 - Rev 3
page 11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com