Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 1 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 1 Page - STMicroelectronics

  MP23DB02MM Datasheet HTML 1Page - STMicroelectronics MP23DB02MM Datasheet HTML 2Page - STMicroelectronics MP23DB02MM Datasheet HTML 3Page - STMicroelectronics MP23DB02MM Datasheet HTML 4Page - STMicroelectronics MP23DB02MM Datasheet HTML 5Page - STMicroelectronics MP23DB02MM Datasheet HTML 6Page - STMicroelectronics MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
•
Omnidirectional digital microphone
•
Sensitivity: –26 dBFS ±1dB
•
“Always-on" experience with low power consumption
•
Multiple performance modes (sleep, low power, normal)
•
Typical current consumption
–
2 μA (sleep mode)
–
285 µA (low-power mode)
–
800 µA (normal mode)
•
122 dBSPL acoustic overload point for all operative modes
•
PDM single-bit output with option for stereo configuration
•
RHLGA package
–
Bottom-port design
–
SMD-compliant
–
EMI-shielded
–
ECOPACK, RoHS and “Green” compliant
Applications
•
Smartphones and handsets
•
Laptop and notebook computers
•
Wearable devices
•
Digital still and video cameras
•
Antitheft systems
Description
The MP23DB02MM is an ultra-compact, low-power, omnidirectional, digital MEMS
microphone built with a capacitive sensing element and an IC interface with optional
stereo configuration.
The sensing element, capable of detecting acoustic waves, is manufactured using a
specialized silicon micromachining process dedicated to produce audio sensors.
The IC interface is manufactured using a CMOS process that allows designing a
dedicated circuit able to provide a digital signal externally in PDM format.
The MP23DB02MM offers multiple performance modes enabled by different clock
frequency ranges (power-down, low-power and normal mode). The device has a
narrow sensitivity range of ±1 dB, high SNR and low distortion for all operative
modes.
The MP23DB02MM is available in a bottom-port, SMD-compliant, EMI-shielded
package and is guaranteed to operate over an extended temperature range from
-40 °C to +85 °C.
Product status link
MP23DB02MM
Product summary
Order code
MP23DB02MMTR
Temp. range
[°C]
-40 to +85
Package
RHLGA 5LD
(3.5 x 2.65 x 0.98) mm
Packing
Tape and reel
MEMS audio sensor: digital microphone with multiple performance modes
MP23DB02MM
Datasheet
DS13521 - Rev 3 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - MP23DB02MM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
MP23DB01HPTR STMICROELECTRONICS-MP23DB01HPTR Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
More results

Similar Description - MP23DB02MM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
MEMS audio sensor omnidirectional digital microphone
04-Jan-2012
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
MEMS audio sensor omnidirectional digital microphone
07-Jun-2013
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
MEMS audio sensor omnidirectional digital microphone
05-Jul-2012
MP34DT01-M STMICROELECTRONICS-MP34DT01-M Datasheet
753Kb / 17P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
MEMS audio sensor omnidirectional digital microphone
03-Sep-2014
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
MEMS audio sensor omnidirectional digital microphone
28-Apr-2016
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
MEMS audio sensor omnidirectional digital microphone
13-Jun-2016
logo
Cirrus Logic
CS7250B CIRRUS-CS7250B Datasheet
212Kb / 11P
Digital MEMS Microphone with High Performance and Low Power Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com