Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23DB02MM Datasheet(PDF) 2 Page - STMicroelectronics

Part # MP23DB02MM
Description  MEMS audio sensor: digital microphone with multiple performance modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23DB02MM Datasheet(HTML) 2 Page - STMicroelectronics

  MP23DB02MM Datasheet HTML 1Page - STMicroelectronics MP23DB02MM Datasheet HTML 2Page - STMicroelectronics MP23DB02MM Datasheet HTML 3Page - STMicroelectronics MP23DB02MM Datasheet HTML 4Page - STMicroelectronics MP23DB02MM Datasheet HTML 5Page - STMicroelectronics MP23DB02MM Datasheet HTML 6Page - STMicroelectronics MP23DB02MM Datasheet HTML 7Page - STMicroelectronics MP23DB02MM Datasheet HTML 8Page - STMicroelectronics MP23DB02MM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Pin description
Figure 1. Pin connections
Table 1. Pin description
Pin #
Pin name
Function
1
DOUT
Left/right PDM data output
2
L/R
Left/right channel selection
3 (ground ring)
GND
0 V supply
4
CLK
Synchronization input clock
5
VDD
Supply voltage
MP23DB02MM
Pin description
DS13521 - Rev 3
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com