Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 59 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 55Page - Texas Instruments AM6548ACD Datasheet HTML 56Page - Texas Instruments AM6548ACD Datasheet HTML 57Page - Texas Instruments AM6548ACD Datasheet HTML 58Page - Texas Instruments AM6548ACD Datasheet HTML 59Page - Texas Instruments AM6548ACD Datasheet HTML 60Page - Texas Instruments AM6548ACD Datasheet HTML 61Page - Texas Instruments AM6548ACD Datasheet HTML 62Page - Texas Instruments AM6548ACD Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 284 page
background image
Note
Table 6-1, Pin Attributes, does not take into account the subsystem multiplexing signals. Subsystem multiplexing signals are described in
Section 6.3, Signal Descriptions.
4. MUXMODE: Multiplexing mode number:
a. MUXMODE 0 is the primary muxmode. The primary muxmode is not necessarily the default muxmode.
Note
The default muxmode is the mode at the release of the reset; also see the BALL RESET REL. MUXMODE column.
b. MUXMODE 1 through 7 are possible muxmodes for alternate functions. On each pin, some muxmodes are effectively used for alternate
functions, while some muxmodes are not used. Only MUXMODE values which correspond to defined functions should be used.
c. Bootstrap are Special Configuration Pins, latched on rising edge of PORn / RESETFULLn. These are not programable MUXMODE.
d. An empty box means Not Applicable.
5. TYPE: This column describes functionality of the pin when configured for the given mux mode. It does not represent all capabilities of the pin, and as
such, there may be other mux mode configurations where these pins operate as a push-pull driver:
• I = Input
• O = Output
• IO = Input or Output
• IOD = Open drain terminal - Input or Output
• IOZ = Input, Output or Three-state terminal
• OZ = Output or Three-state terminal
• A = Analog
• PWR = Power
• GND = Ground
• CAP = LDO Capacitor.
6. BALL RESET STATE: The state of the terminal at power-on reset:
• DRIVE 0 (OFF): The buffer drives VOL (pulldown or pullup resistor not activated).
• DRIVE 1 (OFF): The buffer drives VOH (pulldown or pullup resistor not activated).
• OFF: High-impedance
• PD: High-impedance with an active pulldown resistor
• PU: High-impedance with an active pullup resistor
• An empty box means Not Applicable.
7. BALL RESET REL. MUXMODE: This muxmode is automatically configured at the release of the rstoutn signal.
An empty box means Not Applicable.
8. I/O VOLTAGE VALUE: This column describes the IO voltage value (the corresponding power supply).
An empty box means Not Applicable.
9. POWER: The voltage supply that powers the terminal IO buffers.
An empty box means Not Applicable.
10. HYS: Indicates if the input buffer has hysteresis:
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com