Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 12 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 8Page - Texas Instruments AM6548ACD Datasheet HTML 9Page - Texas Instruments AM6548ACD Datasheet HTML 10Page - Texas Instruments AM6548ACD Datasheet HTML 11Page - Texas Instruments AM6548ACD Datasheet HTML 12Page - Texas Instruments AM6548ACD Datasheet HTML 13Page - Texas Instruments AM6548ACD Datasheet HTML 14Page - Texas Instruments AM6548ACD Datasheet HTML 15Page - Texas Instruments AM6548ACD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 284 page
background image
6.2 Pin Attributes
Table 6-1 describes the terminal characteristics and the signals multiplexed on each ball.
Table 6-1. Pin Attributes
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
P17
CAP_VDDAR_CORE0
CAP_VDDAR_CORE0
CAP
V17
CAP_VDDAR_CORE1
CAP_VDDAR_CORE1
CAP
W16
CAP_VDDAR_CORE2
CAP_VDDAR_CORE2
CAP
M14
CAP_VDDAR_CORE3
CAP_VDDAR_CORE3
CAP
L15
CAP_VDDAR_CORE4
CAP_VDDAR_CORE4
CAP
U10
CAP_VDDAR_MCU
CAP_VDDAR_MCU
CAP
M12
CAP_VDDAR_MPU0_0
CAP_VDDAR_MPU0_0
CAP
N12
CAP_VDDAR_MPU0_1
CAP_VDDAR_MPU0_1
CAP
N18
CAP_VDDAR_MPU1_0
CAP_VDDAR_MPU1_0
CAP
N15
CAP_VDDAR_MPU1_1
CAP_VDDAR_MPU1_1
CAP
Y10
CAP_VDDAR_WKUP
CAP_VDDAR_WKUP
CAP
AA8
CAP_VDDA_1P8_IOLDO_WK
UP
CAP_VDDA_1P8_IOLDO_WKUP
CAP
J17
CAP_VDDA_1P8_SDIO
CAP_VDDA_1P8_SDIO
CAP
G19
CAP_VDDA_1P8_IOLDO0
CAP_VDDA_1P8_IOLDO0
CAP
Y19
CAP_VDDA_1P8_IOLDO1
CAP_VDDA_1P8_IOLDO1
CAP
H18
CAP_VDDSHV_SDIO
CAP_VDDSHV_SDIO
CAP
V9
CAP_VDD_WKUP
CAP_VDD_WKUP
CAP
G28
CSI0_RXN0
CSI0_RXN0
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
H27
CSI0_RXN1
CSI0_RXN1
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
F26
CSI0_RXN2
CSI0_RXN2
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
H25
CSI0_RXN3
CSI0_RXN3
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
G24
CSI0_RXN4
CSI0_RXN4
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
F28
CSI0_RXP0
CSI0_RXP0
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
G27
CSI0_RXP1
CSI0_RXP1
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
G26
CSI0_RXP2
CSI0_RXP2
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
G25
CSI0_RXP3
CSI0_RXP3
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
F24
CSI0_RXP4
CSI0_RXP4
I
PD
1.8 V
VDDA_1P8_C
SI0
DPHY
PU/PD
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com