Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 16 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 12Page - Texas Instruments AM6548ACD Datasheet HTML 13Page - Texas Instruments AM6548ACD Datasheet HTML 14Page - Texas Instruments AM6548ACD Datasheet HTML 15Page - Texas Instruments AM6548ACD Datasheet HTML 16Page - Texas Instruments AM6548ACD Datasheet HTML 17Page - Texas Instruments AM6548ACD Datasheet HTML 18Page - Texas Instruments AM6548ACD Datasheet HTML 19Page - Texas Instruments AM6548ACD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
C16
DDR_DQ30
DDR_DQ30
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A17
DDR_DQ31
DDR_DQ31
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C1
DDR_DQS0N
DDR_DQS0N
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D1
DDR_DQS0P
DDR_DQS0P
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A4
DDR_DQS1N
DDR_DQS1N
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A5
DDR_DQS1P
DDR_DQS1P
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A12
DDR_DQS2N
DDR_DQS2N
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A13
DDR_DQS2P
DDR_DQS2P
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A16
DDR_DQS3N
DDR_DQS3N
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A15
DDR_DQS3P
DDR_DQS3P
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B19
DDR_ECC_D0
DDR_ECC_D0
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B18
DDR_ECC_D1
DDR_ECC_D1
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C18
DDR_ECC_D2
DDR_ECC_D2
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D18
DDR_ECC_D3
DDR_ECC_D3
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E18
DDR_ECC_D4
DDR_ECC_D4
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E17
DDR_ECC_D5
DDR_ECC_D5
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D17
DDR_ECC_D6
DDR_ECC_D6
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C17
DDR_ECC_DM
DDR_ECC_DM
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A18
DDR_ECC_DQSN
DDR_ECC_DQSN
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A19
DDR_ECC_DQSP
DDR_ECC_DQSP
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
F16
DDR_FS_RESETn
DDR_FS_RESETn
IO
drive 0
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
LVCMOS
PD
No
A11
DDR_RESETn
DDR_RESETn
IO
drive 0
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
F12
DDR_VREF0
DDR_VREF0
A
0.5*VDDS_
DDR
VDDS_DDR
DDR
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com