Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 14 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 14 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 10Page - Texas Instruments AM6548ACD Datasheet HTML 11Page - Texas Instruments AM6548ACD Datasheet HTML 12Page - Texas Instruments AM6548ACD Datasheet HTML 13Page - Texas Instruments AM6548ACD Datasheet HTML 14Page - Texas Instruments AM6548ACD Datasheet HTML 15Page - Texas Instruments AM6548ACD Datasheet HTML 16Page - Texas Instruments AM6548ACD Datasheet HTML 17Page - Texas Instruments AM6548ACD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
B10
DDR_AC23
DDR_AC23
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D11
DDR_AC24
DDR_AC24
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B11
DDR_AC25
DDR_AC25
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C11
DDR_AC26
DDR_AC26
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E11
DDR_AC27
DDR_AC27
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E12
DDR_AC28
DDR_AC28
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D12
DDR_AC29
DDR_AC29
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D5
DDR_ALERTn
DDR_ALERTn
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B8
DDR_CK0N
DDR_CK0N
IO
drive 1
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A8
DDR_CK0P
DDR_CK0P
IO
drive 0
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B7
DDR_CK1N
DDR_CK1N
IO
drive 1
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A7
DDR_CK1P
DDR_CK1P
IO
drive 0
(OFF)
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E1
DDR_DM0
DDR_DM0
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C5
DDR_DM1
DDR_DM1
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D14
DDR_DM2
DDR_DM2
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B17
DDR_DM3
DDR_DM3
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
A3
DDR_DQ0
DDR_DQ0
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
B2
DDR_DQ1
DDR_DQ1
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
C2
DDR_DQ2
DDR_DQ2
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
D2
DDR_DQ3
DDR_DQ3
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
E2
DDR_DQ4
DDR_DQ4
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
G1
DDR_DQ5
DDR_DQ5
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
F2
DDR_DQ6
DDR_DQ6
IO
OFF
1.1 V/1.2
V/1.35 V
VDDS_DDR
DDR
PU/PD
No
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com