Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 11 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 7Page - Texas Instruments AM6548ACD Datasheet HTML 8Page - Texas Instruments AM6548ACD Datasheet HTML 9Page - Texas Instruments AM6548ACD Datasheet HTML 10Page - Texas Instruments AM6548ACD Datasheet HTML 11Page - Texas Instruments AM6548ACD Datasheet HTML 12Page - Texas Instruments AM6548ACD Datasheet HTML 13Page - Texas Instruments AM6548ACD Datasheet HTML 14Page - Texas Instruments AM6548ACD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 284 page
background image
6 Terminal Configuration and Functions
6.1 Pin Diagram
Note
The terms "ball", "pin", and "terminal" are used interchangeably throughout the document. An attempt
is made to use "ball" only when referring to the physical package.
Figure 6-1 shows the ball locations for the 784 plastic ball grid array (FCBGA) package that are used in
conjunction with Table 6-1 through Figure 6-1 to locate signal names and ball grid numbers.
C
E
G
J
L
N
R
U
W
AA
AC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
D
F
H
K
M
P
T
V
Y
AB
AD
A
B
AE
26
27
28
AG
AF
AH
Figure 6-1. ACD FCBGA-N784 Package (Bottom View)
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com