Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 87 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 87 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 83Page - Texas Instruments AM6548ACD Datasheet HTML 84Page - Texas Instruments AM6548ACD Datasheet HTML 85Page - Texas Instruments AM6548ACD Datasheet HTML 86Page - Texas Instruments AM6548ACD Datasheet HTML 87Page - Texas Instruments AM6548ACD Datasheet HTML 88Page - Texas Instruments AM6548ACD Datasheet HTML 89Page - Texas Instruments AM6548ACD Datasheet HTML 90Page - Texas Instruments AM6548ACD Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 284 page
background image
6.3.20 OSPI
6.3.20.1 MCU Domain
Table 6-51. OSPI0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OSPI0_CLK
OSPI Clock
O
V1
MCU_OSPI0_DQS
OSPI Data Strobe (DQS) or Loopback Clock Input
I
U2
MCU_OSPI0_LBCLKO
OSPI Loopback Clock Output
IO
U1
MCU_OSPI0_CSn0
OSPI Chip Select 0 (active low)
O
R4
MCU_OSPI0_CSn1
OSPI Chip Select 1 (active low)
O
R5
MCU_OSPI0_CSn2
OSPI Chip Select 2 (active low)
O
R1
MCU_OSPI0_CSn3
OSPI Chip Select 3 (active low)
O
P2
MCU_OSPI0_D0
OSPI Data 0
IO
U4
MCU_OSPI0_D1
OSPI Data 1
IO
U5
MCU_OSPI0_D2
OSPI Data 2
IO
T2
MCU_OSPI0_D3
OSPI Data 3
IO
T3
MCU_OSPI0_D4
OSPI Data 4
IO
T4
MCU_OSPI0_D5
OSPI Data 5
IO
T5
MCU_OSPI0_D6
OSPI Data 6
IO
R2
MCU_OSPI0_D7
OSPI Data 7
IO
R3
Table 6-52. OSPI1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_OSPI1_CLK
OSPI Clock
O
T1
MCU_OSPI1_DQS
OSPI Data Strobe (DQS) or Loopback Clock Input
I
P2
MCU_OSPI1_LBCLKO
OSPI Loopback Clock Output
IO
R1
MCU_OSPI1_CSn0
OSPI Chip Select 0 (active low)
O
N2
MCU_OSPI1_CSn1
OSPI Chip Select 1 (active low)
O
N3
MCU_OSPI1_D0
OSPI Data 0
IO
P3
MCU_OSPI1_D1
OSPI Data 1
IO
P4
MCU_OSPI1_D2
OSPI Data 2
IO
P5
MCU_OSPI1_D3
OSPI Data 3
IO
P1
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com