Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 104 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 100Page - Texas Instruments AM6548ACD Datasheet HTML 101Page - Texas Instruments AM6548ACD Datasheet HTML 102Page - Texas Instruments AM6548ACD Datasheet HTML 103Page - Texas Instruments AM6548ACD Datasheet HTML 104Page - Texas Instruments AM6548ACD Datasheet HTML 105Page - Texas Instruments AM6548ACD Datasheet HTML 106Page - Texas Instruments AM6548ACD Datasheet HTML 107Page - Texas Instruments AM6548ACD Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 284 page
background image
6.3.26.2 Clock
6.3.26.2.1 MAIN Domain
Table 6-68. Clock1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
OSC1_XI
High frequency oscillator input
I
C22
OSC1_XO
High frequency oscillator output
O
E22
6.3.26.2.2 WKUP Domain
Table 6-69. Clock0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_LFOSC0_XI
Low frequency (32.768 kHz) oscillator input
I
AE4
WKUP_LFOSC0_XO
Low frequency (32.768 kHz) oscillator output
O
AC4
WKUP_OSC0_XI
High frequency oscillator input
I
AD5
WKUP_OSC0_XO
High frequency oscillator output
O
AE6
6.3.26.3 System
6.3.26.3.1 MAIN Domain
Table 6-70. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EXT_REFCLK1
External clock input to Main Domain, routed to Timer
clock muxes as one of the selectable input clock
sources for Timer/WDT modules, or as reference clock
to MAIN_PLL2 (PER1 PLL)
I
A22
GPMC0_FCLK_MUX
GPMC functional clock output selected through a mux
logic
O
R28
NMIn
External Interrupt
I
F18
OBSCLK0
Observation clock output for test and debug purposes
only
O
C23
PORz
Main Domain cold reset
I
E19
PORz_OUT
Main Domain POR status output
O
C19
REFCLK0N
SERDES Differential Clock Output (negative)
O
AF9
REFCLK0P
SERDES Differential Clock Output (positive)
O
AF10
REFCLK1N
SERDES Differential Clock Output (negative)
O
AE8
REFCLK1P
SERDES Differential Clock Output (positive)
O
AE9
RESETSTATz
Main Domain warm reset status output
O
D19
RESETz
Main Domain warm reset
I
F17
SOC_SAFETY_ERRORn
Error signal output from Main Domain ESM
IO
E20
SYSCLKOUT0
SYSCLK0 output from Main PLL controller (divided by 4)
for test and debug purposes only
O
B22
6.3.26.3.2 WKUP Domain
Table 6-71. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_BYP_POR
MCU Bypass reset circuitry input. 0 = Internal POR is
used, 1 = External MCU_PORz signal is used.
I
V5
MCU_CLKOUT0
Reference clock output for Ethernet PHYs (50MHz or
25MHz)
O
AB2
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
104
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com