Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 197 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 197 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 193Page - Texas Instruments AM6548ACD Datasheet HTML 194Page - Texas Instruments AM6548ACD Datasheet HTML 195Page - Texas Instruments AM6548ACD Datasheet HTML 196Page - Texas Instruments AM6548ACD Datasheet HTML 197Page - Texas Instruments AM6548ACD Datasheet HTML 198Page - Texas Instruments AM6548ACD Datasheet HTML 199Page - Texas Instruments AM6548ACD Datasheet HTML 200Page - Texas Instruments AM6548ACD Datasheet HTML 201Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 284 page
background image
NO.
PARAMETER
MODE(15)
MIN
MAX UNIT
GNF7
tw(aleH-wenV)
Delay time, output address valid and address
latch enable GPMC_ADVn_ALE high to output
write enable GPMC_WEn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+C (3)
2+C (3)
ns
GNF8
tw(wenIV-aleIV)
Delay time, output write enable GPMC_WEn
invalid to output address valid and address latch
enable GPMC_ADVn_ALE invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+F (6)
2+F (6)
ns
GNF9
tc(wen)
Cycle time, write
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+H (8)
ns
GNF10 td(csnV-oenV)
Delay time, output chip select GPMC_CSn[x](13)
valid to output enable GPMC_OEn_REn valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+I (9)
2+I (9)
ns
GNF13 tw(oenV)
Pulse duration, output enable GPMC_OEn_REn
valid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+K (10)
ns
GNF14 tc(oen)
Cycle time, read
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
0+L (11)
ns
GNF15 tw(oenIV-csnIV)
Delay time, output enable GPMC_OEn_REn
invalid to output chip select GPMC_CSn[x](13)
invalid
div_by_1_mode;
GPMC_FCLK_MUX_133;
TIMEPARAGRANULARITY_X1
-2+M (12) 2+M (12)
ns
(1)
A = (WEOffTime - WEOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
(2)
B = ((WEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(3)
C = ((WEOnTime - ADVOnTime) × (TimeParaGranularity + 1) + 0.5 × (WEExtraDelay - ADVExtraDelay)) × GPMC_FCLK(14)
(4)
D = (WEOnTime × (TimeParaGranularity + 1) + 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(5)
E = ((WrCycleTime - WEOffTime) × (TimeParaGranularity + 1) - 0.5 × WEExtraDelay) × GPMC_FCLK(14)
(6)
F = ((ADVWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (ADVExtraDelay - WEExtraDelay)) × GPMC_FCLK(14)
(7)
G = ((CSWrOffTime - WEOffTime) × (TimeParaGranularity + 1) + 0.5 × (CSExtraDelay - WEExtraDelay)) × GPMC_FCLK(14)
(8)
H = WrCycleTime × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(9)
I = ((OEOnTime - CSOnTime) × (TimeParaGranularity + 1) + 0.5 × (OEExtraDelay - CSExtraDelay)) × GPMC_FCLK(14)
(10) K = (OEOffTime - OEOnTime) × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(11) L = RdCycleTime × (1 + TimeParaGranularity) × GPMC_FCLK(14)
(12) M = ((CSRdOffTime - OEOffTime) × (TimeParaGranularity + 1) + 0.5 × (CSExtraDelay - OEExtraDelay)) × GPMC_FCLK(14)
(13) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3.
(14) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(15) For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
For GPMC_FCLK_MUX_133:
•
gpmc_fclk_sel[1:0] = 00 = CPSWHSDIV_CLKOUT3 = 2000/15 = 133.33 MHz
For TIMEPARAGRANULARITY_X1:
•
GPMC_CONFIG1_i Register: TIMEPARAGRANULARITY = 0h = x1 latencies (affecting RD/WRCYCLETIME, RD/
WRACCESSTIME, PAGEBURSTACCESSTIME, CSONTIME, CSRD/WROFFTIME, ADVONTIME, ADVRD/WROFFTIME,
OEONTIME, OEOFFTIME, WEONTIME, WEOFFTIME, CYCLE2CYCLEDELAY, BUSTURNAROUND, TIMEOUTSTARTVALUE,
WRDATAONADMUXBUS)
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
197
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com