Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 232 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 232 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 228Page - Texas Instruments AM6548ACD Datasheet HTML 229Page - Texas Instruments AM6548ACD Datasheet HTML 230Page - Texas Instruments AM6548ACD Datasheet HTML 231Page - Texas Instruments AM6548ACD Datasheet HTML 232Page - Texas Instruments AM6548ACD Datasheet HTML 233Page - Texas Instruments AM6548ACD Datasheet HTML 234Page - Texas Instruments AM6548ACD Datasheet HTML 235Page - Texas Instruments AM6548ACD Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 284 page
background image
7.9.5.21.1.3.2 PRU_ICSSG PRU Switching Characteristics - Shift Out Mode
NO.
PARAMETER
MIN
MAX
UNIT
PRSO1
tc(CLKOUT)
Cycle time, CLKOUT
10
ns
PRSO2
tw(CLKOUTL)
Pulse Duration, CLKOUT Low
-0.3 +
0.475×P×Z
(1) (2)
ns
PRSO3
tw(CLKOUTH)
Pulse Duration, CLKOUT High
-0.3 +
0.475×P×Y
(1) (3)
ns
PRSO4
td(CLKOUT-DATAOUT)
Delay time, CLKOUT to DATAOUT Valid
-1
4
ns
(1)
P = Software programmable shift out clock period, defined by PRU0_GPO_DIV0 and PRU0_GPO_DIV1 bit fields in the GPCFGn
register.
(2)
The Z parameter is defined as follows: If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are INTEGERS -or- if PRU0_GPI_DIV0 is a NON-
INTEGER and PRU0_GPI_DIV1 is an EVEN INTEGER then, Z equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1). If PRU0_GPI_DIV0
is a NON-INTEGER and PRU0_GPI_DIV1 is an ODD INTEGER then, Z equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1 + 0.5). If
PRU0_GPI_DIV0 is an INTEGER and PRU0_GPI_DIV1 is a NON-INTEGER then, Z equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1
+ 0.5 × PRU0_GPI_DIV0). If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are NON-INTEGERS then, Z equals (PRU0_GPI_DIV0 ×
PRU0_GPI_DIV1 + 0.25 × PRU0_GPI_DIV0).
(3)
The Y parameter is defined as follows: If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are INTEGERS -or- if PRU0_GPI_DIV0 is a NON-
INTEGER and PRU0_GPI_DIV1 is an EVEN INTEGER then, Y equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1). If PRU0_GPI_DIV0
is a NON-INTEGER and PRU0_GPI_DIV1 is an ODD INTEGER then, Y equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1 - 0.5). If
PRU0_GPI_DIV0 is an INTEGER and PRU0_GPI_DIV1 is a NON-INTEGER then, Y equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1
- 0.5 × PRU0_GPI_DIV0). If PRU0_GPI_DIV0 and PRU0_GPI_DIV1 are NON-INTEGERS then, Y1 equals (PRU0_GPI_DIV0 ×
PRU0_GPI_DIV1 - 0.25 × PRU0_GPI_DIV0) and Y2 equals (PRU0_GPI_DIV0 × PRU0_GPI_DIV1 + 0.25 × PRU0_GPI_DIV0), where
Y1 is the first high pulse and Y2 is the second high pulse.
CLOCKOUT
DATAOUT
PRSO1
PRSO2H
PRSO3
SPRSP08_TIMING_PRU_06
PRSO2L
Figure 7-99. PRU_ICSSG PRU Shift Out Timing
7.9.5.21.1.4 PRU_ICSSG PRU Sigma Delta and Peripheral Interface Modes Electrical Data and Timing
Table 7-71 presents PRU Sigma Delta and Peripheral timing conditions.
Table 7-71. PRU_ICSSG PRU Sigma Delta and Peripheral Interface Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
3
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
18
pF
7.9.5.21.1.4.1 PRU_ICSSG PRU Timing Requirements - Sigma Delta Mode
NO.
MIN
MAX
UNIT
PRSD1
tc(SD_CLK)
Cycle time, SD_CLK
40
ns
PRSD2L
tw(SD_CLKL)
Pulse Duration, SD_CLK Low
20
ns
PRSD2H
tw(SD_CLKH)
Pulse Duration, SD_CLK High
20
ns
PRSD3
tsu(SD_DATA-SD_CLK)
Setup time, SD_DATA valid before SD_CLK active edge
10
ns
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
232
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com