Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 239 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 235Page - Texas Instruments AM6548ACD Datasheet HTML 236Page - Texas Instruments AM6548ACD Datasheet HTML 237Page - Texas Instruments AM6548ACD Datasheet HTML 238Page - Texas Instruments AM6548ACD Datasheet HTML 239Page - Texas Instruments AM6548ACD Datasheet HTML 240Page - Texas Instruments AM6548ACD Datasheet HTML 241Page - Texas Instruments AM6548ACD Datasheet HTML 242Page - Texas Instruments AM6548ACD Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 284 page
background image
7.9.5.21.6.1.2 PRU_ICSSG MDIO Switching Characteristics - MDIO_CLK
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRMC1
tc(MDC)
Cycle time, MDC
400
ns
PRMC2
tw(MDCH)
Pulse Duration, MDC High
160
ns
PRMC3
tw(MDCL)
Pulse Duration, MDC Low
160
ns
MDIO_CLK
PRMC2
PRMC3
PRMC1
PRMC4
PRMC4
SPRS91x_TIMING_PRU_MII_RT_02
Figure 7-112. PRU_ICSSG MDIO_CLK Switching Characteristics
7.9.5.21.6.1.3 PRU_ICSSG MDIO Switching Characteristics – MDIO_DATA
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRMDO1 td(MDC-MDIO)
Delay time, MDC low to MDIO valid
-150
150
MHz
PRMDO1
MDIO_CLK (Output)
MDIO_DATA (Output)
SPRS91x_TIMING_PRU_MII_RT_03
Figure 7-113. PRU_ICSSG MDIO_DATA Switching Characteristics
7.9.5.21.6.2 PRU_ICSSG RGMII Electrical Data and Timing
Table 7-76 presents the PRU_ICSSG RGMII timing conditions.
Table 7-76. PRU_ICSSG RGMII Timing Conditions
PARAMETER
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2.65
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
20
pF
PCB Connectivity Requirements
td(Trace Mismatch
Delay)
Propagation delay mismatch across all traces
RXC,
RD[3:0],RX_CTL
50
ps
TXC,
TD[3:0],TX_CTL
50
ps
7.9.5.21.6.2.1 PRU_ICSSG RGMII Timing Requirements - RGMII_RXC
NO.
MODE
MIN
MAX
UNIT
PRRG1
tc(RXC)
Cycle time, RXC
10 Mbps
360
440
ns
100 Mbps
36
44
ns
1000 Mbps
7.2
8.8
ns
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
239
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com