Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 28 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 24Page - Texas Instruments AM6528ACD Datasheet HTML 25Page - Texas Instruments AM6528ACD Datasheet HTML 26Page - Texas Instruments AM6528ACD Datasheet HTML 27Page - Texas Instruments AM6528ACD Datasheet HTML 28Page - Texas Instruments AM6528ACD Datasheet HTML 29Page - Texas Instruments AM6528ACD Datasheet HTML 30Page - Texas Instruments AM6528ACD Datasheet HTML 31Page - Texas Instruments AM6528ACD Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
C28
MMC1_CMD
MMC1_CMD
0
IO
PU
7
1.8 V/3.3 V VDDSHV7
LVCMOS
PU/PD
1
No
GPIO1_78
7
IO
0
B24
MMC1_SDCD
MMC1_SDCD
0
I
OFF
7
1.8 V
VDDS_OSC1
Yes
LVCMOS
PU/PD
1
0/1
Yes
GPIO1_79
7
IO
0
C24
MMC1_SDWP
MMC1_SDWP
0
I
OFF
7
1.8 V
VDDS_OSC1
Yes
LVCMOS
PU/PD
1
0/1
Yes
GPIO1_80
7
IO
0
A26
MMC0_DAT0
MMC0_DAT0
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
GPIO1_9
7
IO
0
E25
MMC0_DAT1
MMC0_DAT1
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
GPIO1_8
7
IO
0
C26
MMC0_DAT2
MMC0_DAT2
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
GPIO1_7
7
IO
0
A25
MMC0_DAT3
MMC0_DAT3
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
GPIO1_6
7
IO
0
E24
MMC0_DAT4
MMC0_DAT4
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
UART0_RIN
1
I
1
EQEP2_S
5
IO
0
GPIO1_5
7
IO
0
A24
MMC0_DAT5
MMC0_DAT5
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
UART0_DTRn
1
O
EQEP2_I
5
IO
0
GPIO1_4
7
IO
0
B26
MMC0_DAT6
MMC0_DAT6
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
UART0_DSRn
1
I
1
EQEP2_B
5
I
0
GPIO1_3
7
IO
0
D25
MMC0_DAT7
MMC0_DAT7
0
IO
PU
7
1.8 V/3.3 V VDDSHV6
LVCMOS
PU/PD
1
No
UART0_DCDn
1
I
1
EQEP2_A
5
I
0
GPIO1_2
7
IO
0
D28
MMC1_DAT0
MMC1_DAT0
0
IO
PU
7
1.8 V/3.3 V VDDSHV7
LVCMOS
PU/PD
1
No
GPIO1_76
7
IO
0
E27
MMC1_DAT1
MMC1_DAT1
0
IO
PU
7
1.8 V/3.3 V VDDSHV7
LVCMOS
PU/PD
1
No
GPIO1_75
7
IO
0
D26
MMC1_DAT2
MMC1_DAT2
0
IO
PU
7
1.8 V/3.3 V VDDSHV7
LVCMOS
PU/PD
1
No
GPIO1_74
7
IO
0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com