Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 66 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 66 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 62Page - Texas Instruments AM6528ACD Datasheet HTML 63Page - Texas Instruments AM6528ACD Datasheet HTML 64Page - Texas Instruments AM6528ACD Datasheet HTML 65Page - Texas Instruments AM6528ACD Datasheet HTML 66Page - Texas Instruments AM6528ACD Datasheet HTML 67Page - Texas Instruments AM6528ACD Datasheet HTML 68Page - Texas Instruments AM6528ACD Datasheet HTML 69Page - Texas Instruments AM6528ACD Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 284 page
background image
Table 6-8. DDRSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
DDR_VTP
DDRSS Calibration Resistor
(2)
A
F13
(1)
This pin is intended for observation purpose only. No external voltage should be applied to this pin.
(2)
An external 240Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(3)
Do not connect any signal, test point, or board trace to this signal.
6.3.4.2 DDRSS Mapping
Table 6-9 presents DDRSS interface signal mapping per device memory type.
Note
DDR3L and LPDDR4 memory types are not supported on this SoC.
Table 6-9. DDRSS Signal Mapping
SIGNAL NAME [1]
MEMORY TYPE
PIN
TYPE[3]
BALL[4]
DDR3L(2)
DDR4(1) (2)
LPDDR4(1)
DDR_AC0
A0
A0
CA0_A
IO
A10
DDR_AC1
A1
A1
CA1_A
IO
D9
DDR_AC2
A2
A2
CA2_A
IO
C9
DDR_AC3
A3
A3
CA3_A
IO
E9
DDR_AC4
A4
A4
CA4_A
IO
A9
DDR_AC5
A5
A5
CA5_A
IO
E8
DDR_AC6
A6
A6
CA0_B
IO
F8
DDR_AC7
A7
A7
CA1_B
IO
C7
DDR_AC8
A8
A8
CA2_B
IO
C8
DDR_AC9
A9
A9
CA3_B
IO
D7
DDR_AC10
A10
A10
CA4_B
IO
E7
DDR_AC11
A11
A11
CA5_B
IO
A6
DDR_AC12
A12
A12
CS0_B
IO
F7
DDR_AC13
A13
A13
CKE0_B
IO
D6
DDR_AC14
A14
A14/WE_n
CS1_B
IO
C6
DDR_AC15
A15
A15/CAS_n
CKE1_B
IO
F6
DDR_AC16
WE_n
A16/RAS_n
IO
E6
DDR_AC17
CAS_n
A17
IO
E5
DDR_AC18
RAS_n
ACT_n
IO
D8
DDR_AC19
BA0
BA0
IO
D10
DDR_AC20
BA1
BA1
IO
E10
DDR_AC21
BA2
BG0
IO
C10
DDR_AC22
BG1
IO
F11
DDR_AC23
PAR
IO
B10
DDR_AC24
CS0_n
CS0_n
CS0_A
IO
D11
DDR_AC25
ODT0
ODT0
IO
B11
DDR_AC26
CKE0
CKE0
CKE0_A
IO
C11
DDR_AC27
CS1_n
CS1_n
CS1_A
IO
E11
DDR_AC28
ODT1
ODT1
IO
E12
DDR_AC29
CKE1
CKE1
CKE1_A
IO
D12
DDR_ALERTn
ALERT_n
IO
D5
DDR_CK0P
CK0
CK0_t
CK_t_A
IO
A8
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
66
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com