Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 39 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 35Page - Texas Instruments AM6528ACD Datasheet HTML 36Page - Texas Instruments AM6528ACD Datasheet HTML 37Page - Texas Instruments AM6528ACD Datasheet HTML 38Page - Texas Instruments AM6528ACD Datasheet HTML 39Page - Texas Instruments AM6528ACD Datasheet HTML 40Page - Texas Instruments AM6528ACD Datasheet HTML 41Page - Texas Instruments AM6528ACD Datasheet HTML 42Page - Texas Instruments AM6528ACD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
AF28
PRG1_PRU0_GPO8
PRG1_PRU0_GPO8
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI8
1
I
0
PRG1_PWM2_A1
3
IO
0
GPIO0_64
7
IO
0
AF26
PRG1_PRU0_GPO9
PRG1_PRU0_GPO9
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI9
1
I
0
PRG1_UART0_CTSn
2
I
1
PRG1_PWM3_TZ_IN
3
I
0
SPI2_CS1
4
IO
1
PRG1_IEP0_EDIO_DATA_IN_OUT2
8
6
IO
0
GPIO0_65
7
IO
0
AH25
PRG1_PRU0_GPO10
PRG1_PRU0_GPO10
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI10
1
I
0
PRG1_UART0_RTSn
2
O
PRG1_PWM2_B1
3
IO
1
SPI2_CS2
4
IO
1
PRG1_IEP0_EDIO_DATA_IN_OUT2
9
6
IO
0
GPIO0_66
7
IO
0
AF21
PRG1_PRU0_GPO11
PRG1_PRU0_GPO11
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI11
1
I
0
PRG1_RGMII1_TX_CTL
2
O
PRG1_PWM3_TZ_OUT
3
O
PRG1_PRU0_GPO15
5
IO
0
GPIO0_67
7
IO
0
AH20
PRG1_PRU0_GPO12
PRG1_PRU0_GPO12
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI12
1
I
0
PRG1_RGMII1_TD0
2
O
PRG1_PWM0_A0
3
IO
0
PRG1_PRU0_GPO11
5
IO
0
GPIO0_68
7
IO
0
AH21
PRG1_PRU0_GPO13
PRG1_PRU0_GPO13
0
IO
OFF
7
1.8 V/3.3 V VDDSHV4
Yes
LVCMOS
PU/PD
0
0/1
Yes
PRG1_PRU0_GPI13
1
I
0
PRG1_RGMII1_TD1
2
O
PRG1_PWM0_B0
3
IO
1
PRG1_PRU0_GPO12
5
IO
0
GPIO0_69
7
IO
0
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com