Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 88 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 84Page - Texas Instruments AM6528ACD Datasheet HTML 85Page - Texas Instruments AM6528ACD Datasheet HTML 86Page - Texas Instruments AM6528ACD Datasheet HTML 87Page - Texas Instruments AM6528ACD Datasheet HTML 88Page - Texas Instruments AM6528ACD Datasheet HTML 89Page - Texas Instruments AM6528ACD Datasheet HTML 90Page - Texas Instruments AM6528ACD Datasheet HTML 91Page - Texas Instruments AM6528ACD Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 284 page
background image
6.3.21 PRU_ICSSG
6.3.21.1 MAIN Domain
Note
The PRU_ICSSG contains a second layer of multiplexing to enable additional functionality on the PRU
GPO and GPI signals. This internal wrapper multiplexing is described in the PRU_ICSSG chapter in
the device TRM.
Table 6-53. PRU_ICSSG0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
PRG0_ECAP0_IN_APWM_OUT
PRU_ICSSG Enhanced Capture (ECAP) Input or
Auxiliary PWM (APWM) Ouput
IO
V25
PRG0_ECAP0_SYNC_IN
PRU_ICSSG ECAP Sync Input
I
U27
PRG0_ECAP0_SYNC_OUT
PRU_ICSSG ECAP Sync Output
O
U26
PRG0_IEP0_EDIO_OUTVALID
PRU_ICSSG Industrial Ethernet Digital I/O Outvalid
O
AD12
PRG0_IEP0_EDC_LATCH_IN0
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
I
V25
PRG0_IEP0_EDC_LATCH_IN1
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
I
U27
PRG0_IEP0_EDC_SYNC_OUT0
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
O
U24
PRG0_IEP0_EDC_SYNC_OUT1
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
O
U26
PRG0_IEP0_EDIO_DATA_IN_OUT28
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
IO
V26
PRG0_IEP0_EDIO_DATA_IN_OUT29
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
IO
U25
PRG0_IEP0_EDIO_DATA_IN_OUT30
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
IO
Y28
PRG0_IEP0_EDIO_DATA_IN_OUT31
PRU_ICSSG Industrial Ethernet Digital I/O Data Input/
Output
IO
AA28
PRG0_IEP1_EDC_LATCH_IN0
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
I
Y26
PRG0_IEP1_EDC_LATCH_IN1
PRU_ICSSG Industrial Ethernet Distributed Clock Latch
Input
I
W28
PRG0_IEP1_EDC_SYNC_OUT0
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
O
W26
PRG0_IEP1_EDC_SYNC_OUT1
PRU_ICSSG Industrial Ethernet Distributed Clock Sync
Output
O
Y27
PRG0_MDIO0_MDC
PRU_ICSSG MDIO Clock
O
AE28
PRG0_MDIO0_MDIO
PRU_ICSSG MDIO Data
IO
AE26
PRG0_PRU0_GPI0
PRU_ICSSG PRU Data Input
I
V24
PRG0_PRU0_GPI1
PRU_ICSSG PRU Data Input
I
W25
PRG0_PRU0_GPI2
PRU_ICSSG PRU Data Input
I
W24
PRG0_PRU0_GPI3
PRU_ICSSG PRU Data Input
I
AA27
PRG0_PRU0_GPI4
PRU_ICSSG PRU Data Input
I
Y24
PRG0_PRU0_GPI5
PRU_ICSSG PRU Data Input
I
V28
PRG0_PRU0_GPI6
PRU_ICSSG PRU Data Input
I
Y25
PRG0_PRU0_GPI7
PRU_ICSSG PRU Data Input
I
U27
PRG0_PRU0_GPI8
PRU_ICSSG PRU Data Input
I
V27
PRG0_PRU0_GPI9
PRU_ICSSG PRU Data Input
I
V26
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com