Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 26 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 26 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 22Page - Texas Instruments AM6528ACD Datasheet HTML 23Page - Texas Instruments AM6528ACD Datasheet HTML 24Page - Texas Instruments AM6528ACD Datasheet HTML 25Page - Texas Instruments AM6528ACD Datasheet HTML 26Page - Texas Instruments AM6528ACD Datasheet HTML 27Page - Texas Instruments AM6528ACD Datasheet HTML 28Page - Texas Instruments AM6528ACD Datasheet HTML 29Page - Texas Instruments AM6528ACD Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 284 page
background image
Table 6-1. Pin Attributes (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMOD
E [4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET
REL.
MUXMOD
E [7]
I/O
VOLTAGE
VALUE [8]
POWER [9]
HYS [10]
BUFFER
TYPE [11]
PULL UP/
DOWN
TYPE [12]
DSIS [13]
RXACTIVE
/
TXDISABL
E [14]
IO Daisy
Chain [15]
P5
MCU_OSPI1_D2
MCU_OSPI1_D2
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_UART0_TXD
4
O
MCU_SPI1_CS2
5
IO
1
WKUP_GPIO0_30
7
IO
0
P1
MCU_OSPI1_D3
MCU_OSPI1_D3
0
IO
OFF
7
1.8 V/3.3 V VDDSHV1_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_UART0_CTSn
4
I
1
MCU_SPI0_CS1
5
IO
1
WKUP_GPIO0_31
7
IO
0
W5
MCU_PORz
MCU_PORz
I
OFF
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
No
V2
MCU_PORz_OUT
MCU_PORz_OUT
0
O
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0/0
No
V3
MCU_RESETSTATz
MCU_RESETSTATz
0
O
OFF
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
0/0
No
W4
MCU_RESETz
MCU_RESETz
0
I
PU
0
1.8 V/3.3 V VDDSHV0_WK
UP
Yes
LVCMOS
PU/PD
1/1
No
M1
MCU_RGMII1_RXC
MCU_RGMII1_RXC
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_RMII1_REF_CLK
1
I
0
WKUP_GPIO0_41
7
IO
0
N5
MCU_RGMII1_RX_CTL
MCU_RGMII1_RX_CTL
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_RMII1_RX_ER
1
I
0
WKUP_GPIO0_35
7
IO
0
N1
MCU_RGMII1_TXC
MCU_RGMII1_TXC
0
IO
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_RMII1_TX_EN
1
O
WKUP_GPIO0_40
7
IO
0
N4
MCU_RGMII1_TX_CTL
MCU_RGMII1_TX_CTL
0
O
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0/1
Yes
MCU_RMII1_CRS_DV
1
I
0
WKUP_GPIO0_34
7
IO
0
L6
MCU_RGMII1_RD0
MCU_RGMII1_RD0
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_RMII1_RXD0
1
I
0
WKUP_GPIO0_45
7
IO
0
M6
MCU_RGMII1_RD1
MCU_RGMII1_RD1
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
MCU_RMII1_RXD1
1
I
0
WKUP_GPIO0_44
7
IO
0
L5
MCU_RGMII1_RD2
MCU_RGMII1_RD2
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
WKUP_GPIO0_43
7
IO
0
L2
MCU_RGMII1_RD3
MCU_RGMII1_RD3
0
I
OFF
7
1.8 V/3.3 V VDDSHV2_WK
UP
Yes
LVCMOS
PU/PD
0
0/1
Yes
WKUP_GPIO0_42
7
IO
0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com