Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 9 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 5Page - Texas Instruments AM6528ACD Datasheet HTML 6Page - Texas Instruments AM6528ACD Datasheet HTML 7Page - Texas Instruments AM6528ACD Datasheet HTML 8Page - Texas Instruments AM6528ACD Datasheet HTML 9Page - Texas Instruments AM6528ACD Datasheet HTML 10Page - Texas Instruments AM6528ACD Datasheet HTML 11Page - Texas Instruments AM6528ACD Datasheet HTML 12Page - Texas Instruments AM6528ACD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 284 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM6548
AM6528
AM6546
AM6526
FEATURES
CTRLMMR_WKUP_JTAG_DEVICE_ID
[31:11] DEVICE_ID register bit field value(5)
AM6548:
0x140FA
AM6528:
0x140BA
AM6546:
0x14178
AM6526:
0x14138
AM6548-E:
0x140FB
AM6528-E:
0x140BB
AM6546-E:
0x14179
AM6526-E:
0x14139
AM6548-F:
0x140FE
AM6528-F:
0x140BE
AM6546-F:
0x1417C
AM6526-F:
0x1413C
AM6548-E,F:
0x140FF
AM6528-E,F:
0x140BF
AM6546-E,F:
0x1417D
AM6526-E,F:
0x1413D
PROCESSORS AND ACCELERATORS
Speed Grades
See Table 7-1, Speed Grade Maximum Frequency
Arm Cortex-A53 Microprocessor Subsystem
Arm A53
Quad Core
(Cluster 0,
Cluster 1)
Dual Core
(Cluster 0)
Quad Core
(Cluster 0,
Cluster 1)
Dual Core
(Cluster 0)
Dual-Core Arm Cortex-R5F
Arm R5F
Yes (optional lockstep(4))
Device Management Security Controller
DMSC
Yes
Graphics Accelerator (SGX544-MP1)
GPU
Yes
Not Supported(1)
Safety Features
Safety
Optional(4)
Optional(4)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM)
MCU_MSRAM
512KB
Multicore Shared Memory Controller
MSMC
2MB (On-Chip Shared SRAM with ECC)
DDR4 DDR Subsystem(6)
DDRSS
Up to 8GB (32-Bit data)
SECDED
7-Bit
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
Error Location Module
ELM
Yes
PERIPHERALS
Display Subsystem
DSS
Yes
Modular Controller Area Network Interface
MCAN
2
Peripheral Direct Memory Access
PDMA
Yes
Navigator Subsystem
NAVSS
2
General-Purpose I/O
GPIO
Up to 242
Inter-Integrated Circuit Interface
I2C
6
Analog-to-Digital Converter
ADC
2
Camera Adaptation Layer (CAL) with Camera
Serial Interface (CSI2) and Video Input Port
(VIN)
CSI2
1 CLK + 4 Data
VIN0
Yes
Multichannel Serial Peripheral Interface
MCSPI
8
Multichannel Audio Serial Port
MCASP0
16 Serializers
MCASP1
10 Serializers
MCASP2
4 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
8-bits
MMCSD1
4-bits
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com