Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 108 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 104Page - Texas Instruments AM6528ACD Datasheet HTML 105Page - Texas Instruments AM6528ACD Datasheet HTML 106Page - Texas Instruments AM6528ACD Datasheet HTML 107Page - Texas Instruments AM6528ACD Datasheet HTML 108Page - Texas Instruments AM6528ACD Datasheet HTML 109Page - Texas Instruments AM6528ACD Datasheet HTML 110Page - Texas Instruments AM6528ACD Datasheet HTML 111Page - Texas Instruments AM6528ACD Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 284 page
background image
Table 6-75. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VSS
Ground
GND
A1, A2, A28, AA11,
AA13, AA15, AA17,
AA19, AA23, AA26,
AA7, AB10, AB12,
AB14, AB16, AB18,
AB20, AB22, AD4,
AE10, AE25, AE5,
AF15, AF2, AF20,
AF8, AG1, AG10,
AG28, AG4, AG7,
AH1, AH11, AH2,
AH27, AH28, AH5,
AH8, B12, B15, B20,
B6, B9, D22, E26,
E28, E4, F14, F19,
F22, F25, F27, F3,
G11, G13, G16, G2,
G21, G23, G7, G9,
H1, H10, H12, H14,
H20, H22, H24, H26,
H28, H6, H8, J11,
J13, J15, J18, J21,
J23, J25, J27, J7, J9,
K1, K10, K12, K14,
K17, K19, K22, K23,
K6, K8, L11, L13,
L16, L23, L24, L26,
L28, L3, L7, L9, M10,
M15, M17, M20, M8,
N11, N13, N16, N19,
N21, N7, N9, P10,
P12, P14, P16, P18,
P22, P6, P8, R11,
R13, R15, R17, R19,
R21, R7, R9, T10,
T12, T14, T16, T18,
T22, T26, T8, U11,
U13, U15, U17, U19,
U21, U3, U7, U9,
V10, V12, V14, V18,
V20, V22, V6, W11,
W13, W15, W17,
W19, W21, W23, W7,
W9, Y12, Y14, Y16,
Y18, Y22, Y6, Y8
(1)
This pin must always be connected via a 1-µF capacitor to VSS.
(2)
The net connecting CAP_VDDA_1P8_SDIO and VDDA_1P8_SDIO to VDDS6 or VDDS7 must be connected to a 3.3-uF decoupling
capacitor. VDDA_1P8_SDIO, CAP_VDDA_1P8_SDIO, CAP_VDDSHV_SDIO, and VDDA_3P3_SDIO must be connected to VSS,
when SDIO_LDO is not used with either MMC0 or MMC1.
(3)
When CAP_VDDSHV_SDIO is connected to VDDSHV6 or VDDSHV7, the entire net which connects these pins should not exceed
6-uF of decoupling capacitance. VDDA_1P8_SDIO, CAP_VDDA_1P8_SDIO, CAP_VDDSHV_SDIO, and VDDA_3P3_SDIO must be
connected to VSS, when SDIO_LDO is not used with either MMC0 or MMC1.
(4)
These power rails should be connected together on the board level.
(5)
VDDA_POR_WKUP is preferred to be connected to CAP_VDDA_1P8_IOLDO_WKUP when using internal POR feature.
(6)
The VDDA_VSYS_MON pin provides a way to monitor the system power supply and is not fail-safe, unless implemented with the
appropriate resistor voltage divider source. For more information, see Section 9.2.5, System Power Supply Monitor Design Guidelines.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
108
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com