Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 213 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 209Page - Texas Instruments AM6528ACD Datasheet HTML 210Page - Texas Instruments AM6528ACD Datasheet HTML 211Page - Texas Instruments AM6528ACD Datasheet HTML 212Page - Texas Instruments AM6528ACD Datasheet HTML 213Page - Texas Instruments AM6528ACD Datasheet HTML 214Page - Texas Instruments AM6528ACD Datasheet HTML 215Page - Texas Instruments AM6528ACD Datasheet HTML 216Page - Texas Instruments AM6528ACD Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 284 page
background image
7.9.5.16 MMCSD
Note
The I/O Timings provided in this section are valid only when the corresponding DLL Delays are
configured for some MMC usage modes, as described in Table 7-52.
Note
The MMCi (i = 0 to 1) controller is also referred to as MMCi.
For more details about features and additional description information on the device Multi Media Card, see the
corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
7.9.5.16.1 MMCSDi — eMMC/SD/SDIO Card Interface
MMCi interface is compliant with the SD Standard v3.01 as well as JEDEC eMMC standard v4.5 and it supports
the following SD Card and eMMC applications:
• SD Default Speed; JEDEC 3.3V Legacy SDR
• SD High speed; JEDEC 3.3V High Speed SDR
• SD UHS-I SDR12; JEDEC 1.8V Legacy SDR
• SD UHS-I SDR25; JEDEC 1.8V High Speed SDR
• SD UHS-I SDR50
• SD UHS-I SDR104; JEDEC HS200
• UHS-I DDR50; JEDEC High Speed DDR (DDR52)
Note
For more information, see section Multimedia Card/Secure Digital () Interface in the device TRM.
Table 7-51 presents the timing conditions for MMC interface.
Table 7-51. MMC Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
Default Speed; 3.3V Legacy SDR
0.26
2.64
V/ns
High Speed; 3.3V High Speed SDR
0.69
2.06
V/ns
UHS-I SDR12; 1.8V Legacy SDR
0.14
1.44
V/ns
UHS-I SDR25; 1.8V High Speed SDR
0.3
1.34
V/ns
3.3V High Speed DDR CMD
0.69
2.06
V/ns
3.3V High Speed DDR DAT
1.03
2.06
V/ns
UHS-I DDR50 CMD; 1.8V High Speed
DDR CMD
0.3
1.34
V/ns
UHS-I DDR50 CMD; 1.8V High Speed
DDR DAT
0.34
1.34
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
SDR50
1
10
pF
SDR104; HS200
1
6
pF
All other modes
1
12
pF
PCB CONNECTIVITY REQUIREMENTS
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
213
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com