Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 227 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 227 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 223Page - Texas Instruments AM6528ACD Datasheet HTML 224Page - Texas Instruments AM6528ACD Datasheet HTML 225Page - Texas Instruments AM6528ACD Datasheet HTML 226Page - Texas Instruments AM6528ACD Datasheet HTML 227Page - Texas Instruments AM6528ACD Datasheet HTML 228Page - Texas Instruments AM6528ACD Datasheet HTML 229Page - Texas Instruments AM6528ACD Datasheet HTML 230Page - Texas Instruments AM6528ACD Datasheet HTML 231Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 284 page
background image
OSPI_CLK
OSPI_D[i:0]
OSPI_TIMING_01
OSPI_CSn
O6
O6
O4
O3
O2
O1
O5
Figure 7-90. OSPI Switching Characteristics - DDR
For more information, see section Octal Serial Peripheral Interface (OSPI) in the device TRM.
7.9.5.19 OLDI
7.9.5.19.1 OLDI Switching Characteristics
NO.
PARAME
TER
DESCRIPTION(1)
MIN
TYP
MAX
UNIT
OLDI1
tt(LHTT)
Low-to-high transition time of LVDS differential signals:
OLDI0_CLKP/N, OLDI0_AxP/N, x = [3:0], with BOOSTA_EN = 0
(Fast rise/fall disabled)
0.5
ns
Low-to-high transition time of LVDS differential signals:
OLDI0_CLKP/N, OLDI0_AxP/N, x = [3:0], with BOOSTA_EN = 1
(Fast rise/fall enabled)
0.25
ns
OLDI2
tt(HLTT)
High-to-low transition time of LVDS differential signals:
OLDI0_CLKP/N, OLDI0_AxP/N, x = [3:0], with BOOSTA_EN = 0
(Fast rise/fall disabled)
0.5
ns
High-to-low transition time of LVDS differential signals:
OLDI0_CLKP/N, OLDI0_AxP/N, x = [3:0], with BOOSTA_EN = 1
(Fast rise/fall enabled)
0.25
ns
OLDI3
tc(CLK)
Output pixel clock period (OLDI0_CLKP/N)
6.06
110.01
ns
OLDI4
tw(BIT)
Output bit width (OLDI0_AxP/N, x = [3:0])
1
UI(2)
OLDI5
t(TPPx,
x=[6:0])
Output pulse positions normalized for each bit (OLDI0_AxP/N, x =
[3:0])
7-1
UI(2)
OLDI6
Δt(TPP)
Variation of pulse positions for each bit from their normalized center
(OLDI0_AxP/N, x = [3:0])
0.1
UI(2)
OLDI7
tsk(TCCS)
Output channel to channel skew (OLDI0_CLKP/N, OLDI0_AxP/N, x
= [3:0])
50
ps
OLDI8
tj(TJCC)
Output jitter cycle-to-cycle (OLDI0_CLKP/N, OLDI0_AxP/N, x = [3:0])
0.04
UI(2)
OLDI9
tj(IJIT)
Total jitter tolerance (Includes data to clock skew, pulse position
variation from normalized edges (OLDI0_AxP/N, x = [3:0])
0.25
UI(2)
(1)
Measured based on 20% - 80% transitions and PCB trace of ~2in with 100 Ω termination on differential lines.
(2)
UI = tc(CLK) / 7
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
227
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com