Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 241 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 241 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 237Page - Texas Instruments AM6528ACD Datasheet HTML 238Page - Texas Instruments AM6528ACD Datasheet HTML 239Page - Texas Instruments AM6528ACD Datasheet HTML 240Page - Texas Instruments AM6528ACD Datasheet HTML 241Page - Texas Instruments AM6528ACD Datasheet HTML 242Page - Texas Instruments AM6528ACD Datasheet HTML 243Page - Texas Instruments AM6528ACD Datasheet HTML 244Page - Texas Instruments AM6528ACD Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 284 page
background image
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
PRRG10 tw(TXCL)
Pulse duration, TXC low
10 Mbps
160
240
ns
100 Mbps
16
24
ns
1000 Mbps
3.6
4.4
ns
SPRS91x_TIMING_PRU_RGMII_RT_06
RGMII_TXC
PRRG9
PRRG10
PRRG8
PRRG11
PRRG11
Figure 7-116. PRU_ICSSG RGMII_TXC Switching Characteristics
7.9.5.21.6.2.4 PRU_ICSSG RGMII Switching Characteristics - RGMII_TD[3:0] and RGMII_TX_CTL
NO.
PARAMETER
DESCRIPTION
MODE
MIN
TYP
MAX
UNIT
PRRG12
tosu(TD-TXC)
Output setup time, RGMII[x]_TD[3:0] valid to
RGMII[x]_TXC high/low
10 Mbps
100 Mbps
1.2
ns
1000 Mbps
1.05
(1)
ns
tosu(TX_CTL-TXC)
Output setup time, RGMII[x]_TX_CTL valid to
RGMII[x]_TXC high/low
10 Mbps
100 Mbps
1.2
ns
1000 Mbps
1.05
(1)
ns
PRRG13
toh(TD-TXC)
Output hold time, RGMII[x]_TD[3:0] valid after
RGMII[x]_TXC high/low
10 Mbps
100 Mbps
1.2
ns
1000 Mbps
1.05
(1)
ns
toh(TX_CTL-TXC)
Output hold time, RGMII[x]_TX_CTL valid after
RGMII[x]_TXC high/low
10 Mbps
100 Mbps
1.2
ns
1000 Mbps
1.05
(1)
ns
(1)
1000Mbps operation requires that the 4 data pins (RGMII[x]_TD[3:0]) and RGMII[x]_TX_CTL have their board propagation delays
matched to within 50 ps of RGMII[x]_TXC.
A.
TXC is delayed internally before being driven to the RGMII[x]_TXC pin. This internal delay is always enabled.
B.
Data and control information is received using both edges of the clocks. RGMII_TD[3:0] carries data bits 3-0 on the rising edge of
RGMII_TXC and data bits 7-4 on the falling edge of RGMII_TXC. Similarly, RGMII_TX_CTL carries TXDV on rising edge of RGMII_TXC
and RTXERR on falling edge of RGMII_TXC.
Figure 7-117. PRU_ICSSG Transmit Interface Timing RGMII Mode
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
241
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com