Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 257 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 257 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 253Page - Texas Instruments AM6528ACD Datasheet HTML 254Page - Texas Instruments AM6528ACD Datasheet HTML 255Page - Texas Instruments AM6528ACD Datasheet HTML 256Page - Texas Instruments AM6528ACD Datasheet HTML 257Page - Texas Instruments AM6528ACD Datasheet HTML 258Page - Texas Instruments AM6528ACD Datasheet HTML 259Page - Texas Instruments AM6528ACD Datasheet HTML 260Page - Texas Instruments AM6528ACD Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 284 page
background image
The MCAN module supports both classic CAN and CAN FD (CAN with Flexible Data-Rate) specifications. CAN
FD feature allows high throughput and increased payload per data frame. The classic CAN and CAN FD devices
can coexist on the same network without any conflict.
The device supports two MCAN modules - MCU_MCAN0 and MCU_MCAN1. They connect to the physical layer
of the CAN network through external (for the device) transceivers. Each MCAN module supports flexible bit rates
greater than 1 Mbps and is compliant to ISO 11898-1:2015.
For more information, see Modular Controller Area Network (MCAN) section in the device TRM.
8.4.5.17 MCASP
The MCASP functions as a general-purpose audio serial port are optimized to the requirements of various audio
applications. The MCASP module can operate in both transmit and receive modes. The MCASP is useful for
time-division multiplexed (TDM) stream, Inter-IC Sound (I2S) protocols reception and transmission as well as for
an intercomponent digital audio interface transmission (DIT). The MCASP has the flexibility to gluelessly connect
to a Sony/Philips digital interface (S/PDIF) transmit physical layer component.
Although intercomponent digital audio interface reception (DIR) mode (this is, S/PDIF stream receiving) is not
natively supported by the MCASP module, a specific TDM mode implementation for the MCASP receivers allows
an easy connection to external DIR components (for example, S/PDIF to I2S format converters).
For more information, see Multichannel Audio Serial Port (MCASP) section in the device TRM.
8.4.5.18 MCRC
VBUSM CRC controller is a module which is used to perform CRC (Cyclic Redundancy Check) to verify the
integrity of a memory system. A signature representing the contents of the memory is obtained when the
contents of the memory are read into MCRC Controller. The responsibility of MCRC controller is to calculate
the signature for a set of data and then compare the calculated signature value against a predetermined good
signature value. MCRC controller provides four channels to perform CRC calculation on multiple memories in
parallel and can be used on any memory system. Channel 1 can also be put into data trace mode, where MCRC
controller compresses each data being read through CPU read data bus.
For more information, see Memory Cyclic Redundancy Check (MCRC) Controller section in the device TRM.
8.4.5.19 MCSPI
The MCSPI module is a multichannel transmit/receive, master/slave synchronous serial bus.
There are total of eight MCSPI modules in the device.
MCSPI3 and MCSPI4 include internal connectivity to MCSPI modules in the MCU domain, as follows:
• MCSPI3 is connected as a master to MCU_MCSPI1 by default at power-up. MCU_MCSPI1 and MCSPI3
may be optionally mapped to external device pads.
• MCSPI4 is directly connected as a slave to MCU_MCSPI2 by default at power-up. MCSPI4 and
MCU_MCSPI2 are not pinned out externally.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in the device TRM.
8.4.5.20 MMCSD
There are two MMCSD modules inside the device - MMCSD0 and MMCSD1. Each MMCSD module includes
one MMCSD Host Controller.
Each controller has the following data bus width:
• MMCSD0 - 8-bit wide data bus
• MMCSD1 - 4-bit wide data bus
The MMCSD Host Controller provides an interface to eMMC 5.1 (embedded MultiMedia Card), SD 4.10 (Secure
Digital), and SDIO 4.0 (Secure Digital IO) devices. The MMCSD Host Controller deals with MMCSD/SDIO
protocol at transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion,
and checking for syntactical correctness.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
257
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com