Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528ACD Datasheet(PDF) 263 Page - Texas Instruments

Part # AM6528ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6528ACD Datasheet(HTML) 263 Page - Texas Instruments

Back Button AM6528ACD Datasheet HTML 259Page - Texas Instruments AM6528ACD Datasheet HTML 260Page - Texas Instruments AM6528ACD Datasheet HTML 261Page - Texas Instruments AM6528ACD Datasheet HTML 262Page - Texas Instruments AM6528ACD Datasheet HTML 263Page - Texas Instruments AM6528ACD Datasheet HTML 264Page - Texas Instruments AM6528ACD Datasheet HTML 265Page - Texas Instruments AM6528ACD Datasheet HTML 266Page - Texas Instruments AM6528ACD Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 284 page
background image
Note
The OSPI Board Loopback Hold time requirement (described in Section 7.9.5.18, OSPI) is larger than
the Hold time provided by a typical flash device. Therefore, the length of MCU_OSPI[x]_LBCLKO pin
to the MCU_OSPI[x]_DQS pin (C to D) may need to be shortened to compensate.
A
B
E
F
MCU_OSPI[x]_CLK
R1
OSPI/QSPI/SPI
device clock input
OSPI/QSPI/SPI
device IOy, CS#
MCU_OSPI[x]_D[y],
MCU_OSPI[x]_CSn[z]
0
*
Ω
OSPI_Board_02
C
D
MCU_OSPI[x]_LBCLKO
MCU_OSPI[x]_DQS
R1
0
*
Ω
*0 Ω resistor (R1), located as close as possible to the MCU_OSPI[x]_CLK and MCU_OSPI[x]_LBCLKO pins, is placeholder for fine
tuning, if needed
Figure 9-2. OSPI Interface High Level Schematic
9.2.2.3 DQS (Only Available in Octal Flash Devices)
• The MCU_OSPI[x]_CLK output signal must be connected to the CLK pin of the flash device
• The DQS pin of the flash devices must be connected to MCU_OSPI[x]_DQS signal
• The signal propagation delay from the MCU_OSPI[x]_CLK pin to the flash device CLK input pin (A to B)
should be approximately equal to the signal propagation delay from the MCU_OSPI[x]_DQS pin to the DQS
output pin (C to D)
• 50 Ω PCB routing is recommended along with series terminations, as shown in Figure 9-3
• Propagation delays and matching:
– A to B = C to D
– Matching skew: < 60pS
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
263
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com